Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD1 Datasheet(PDF) 9 Page - Magnetrol International, Inc.

Part # TD1
Description  THERMATEL짰THERMALDISPERSION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

TD1 Datasheet(HTML) 9 Page - Magnetrol International, Inc.

Back Button TD1 Datasheet HTML 4Page - Magnetrol International, Inc. TD1 Datasheet HTML 5Page - Magnetrol International, Inc. TD1 Datasheet HTML 6Page - Magnetrol International, Inc. TD1 Datasheet HTML 7Page - Magnetrol International, Inc. TD1 Datasheet HTML 8Page - Magnetrol International, Inc. TD1 Datasheet HTML 9Page - Magnetrol International, Inc. TD1 Datasheet HTML 10Page - Magnetrol International, Inc. TD1 Datasheet HTML 11Page - Magnetrol International, Inc. TD1 Datasheet HTML 12Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
General Description:
The Magnetrol TG1/TG2 switch is the industry’s only two-wire,
intrinsically-safe thermal dispersion switch. The switch consists of
a probe and preamplifier with remote DIN rail electronics. Barriers
in the DIN rail enclosure provide a two-wire, intrinsically-safe circuit
to the probe/preamplifier.
Product Operation:
The preamplifier converts the temperature difference to a pulse
signal which is super-imposed on the two wires providing power
to the sensor. The DIN rail electronics provide operation control
including set point adjustment, LED indication of flow/level, relay,
fail-safe adjustment, and time delay. A non-linear mA output signal
is available for diagnostics and repeatable flow/level indication.
Features:
DIN rail mounted electronics with built-in barrier provide a
two-wire intrinsically-safe circuit to the probe/preamplifier
Versatile switch for flow and level
Set point adjustment at remote electronics
Up to 1,650 feet (500 meters) cable length
LED indication provides monitoring of actual flow/level
mA output signal will provide repeatable indication plus
can be used for diagnostics
Uses all Thermatel probes including low flow body and
high-temperature sensor
Applications:
Flow: Liquid or gas flow, pump protection, cooling air/water, relief
valves, flow/no flow
Level: Hi/Low level, high viscosity media, high solids content,
aeration/foaming, hygienic applications, interface detection,
high-temperature applications
S P E C I F I C A T I O N S
A P P R O V A L S
Supply Voltage
24 VDC
Relay
2-amp, SPDT relay
Signal
mA output, non-linear
Fail-safe
Switch selectable
LED Indication
4 Green:
Flow/Level is normal
1 Yellow:
Flow/Level is near
set point
1 Red:
Alarm condition (TG1 only)
Set-Point
Adjustable via
potentiometer
Operating Temperature
Sensor:
-100° to +850° F
(-70° to +450° C)
Flow Range Insertion Probes
Water:
0.01 – 5 fps
(0.003 to 1.5 m/s)
Air:
0.1 – 500 fps
(150 m/s)
THERMATEL TG1
Switch
Two-Wire Intrinsically Safe Flow / Level / Interface Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com