Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4837 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC4837
Description  50V/4A Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4837 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC4837 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4837 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4837 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4837 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA1855/2SC4837
No.4135–2/4
Switching Time Test Circuit
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
)
t
a
s
(
E
C
IC
I
,
A
2
)
–
(
=
B
A
m
0
0
1
)
–
(
=
)
0
5
3
–
()
0
0
7
–
(V
m
0
9
10
0
5V
m
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
e
s
a
BV
)
t
a
s
(
E
B
IC
I
,
A
2
)
–
(
=
B
A
m
0
0
1
)
–
(
=4
9
.
0
)
–
(2
.
1
)
–
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
)
R
B
(
IC
I
,
A
μ
0
1
–
=
E 0
=0
6
)
–
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
)
R
B
(
IC
R
,
A
m
1
–
=
E
B =∞
0
5
)
–
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
)
R
B
(
IE
I
,
A
μ
0
1
–
=
C 0
=6
)
–
(V
e
m
i
T
N
O
-
n
r
u
Tt n
o
t
i
u
c
r
I
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
7s
n
e
m
i
T
e
g
a
r
o
t
St g
t
s
t
i
u
c
r
I
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S
)
0
5
4
(s
n
0
5
6s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S5
3
)
0
3
(s
n
+
+
50
Ω
25
Ω
INPUT
OUTPUT
VR
RL
RB
VCC=25V
100
μF
470
μF
VBE= --5V
PW=20
μs
IB1
IC=10IB1= --10IB2=1A
DC
≤1%
IB2
IB=0
2SA1855
2SC4837
--1
0
0
--0.4
--0.8
--1.2
--1.6
--2.0
IC -- VCE
ITR04917
--5
--2
--3
--4
--100mA
--50mA
--5mA
--10mA
--200mA
--20mA
IB=0
1
0
0
0.4
0.8
1.2
1.6
2.0
IC -- VCE
ITR04918
5
2
3
4
100mA
80mA
60mA
40mA
20mA
10mA
5mA
IB=0
2SA1855
2SC4837
--0.4
0
0
--4
--8
--12
--16
--20
IC -- VCE
ITR04919
--2.0
--0.8
--1.2
--1.6
--10mA
--8mA
--2mA
--12mA
--4mA
--6mA
IB=0
0.4
0
04
8
12
16
20
IC -- VCE
ITR04920
2.0
0.8
1.2
1.6
8mA
7mA
6mA
5mA
4mA
3mA
2mA
1mA
Collector-to-Emitter Voltage, VCE –V
Collector-to-Emitter Voltage, VCE –V
Collector-to-Emitter Voltage, VCE –V
Collector-to-Emitter Voltage, VCE –V
Continued from preceding page.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com