Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4837 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC4837
Description  50V/4A Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4837 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC4837 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4837 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4837 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4837 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1855/2SC4837
No.4135–3/4
5
100
1000
7
5
7
3
2
3
2
10
--0.1
--0.01
--1.0
hFE -- IC
Ta=75
°C
2SA1855
VCE= --2V
ITR04923
25
°C
--25
°C
2SA1855
VCE= --2V
--0.8
0
0
--0.2
--0.4
--0.6
--0.8
IC -- VBE
ITR04921
--1.4
--1.2
--1.0
--4.8
--2.4
--3.2
--4.0
--1.6
2SC4837
VCE=2V
0.8
0
0
0.2
0.4
0.6
0.8
IC -- VBE
ITR04922
1.4
1.2
1.0
4.8
2.4
3.2
4.0
1.6
23
5
7
72
3
5
5
72
3
5
100
1000
7
5
7
3
2
3
2
10
0.1
0.01
1.0
hFE -- IC
Ta=75°C
2SC4837
VCE=2V
ITR04924
25
°C
--25
°C
23
5
7
72
3
5
5
72
3
5
3
2
7
5
3
2
7
100
1000
10
23
5
7
0.01
0.1
2
3
57
2
3
57 10
1.0
ITR04925
f T -- IC
VCE=10V
2SC4837
2SC4837
2SA1855
2SA1855
(For PNP, minus sign is omitted.)
(For PNP, minus sign is omitted.)
5
3
5
3
2
7
2
10
100
23
5
7
1.0
10
23
5
7
100
ITR04926
Cob -- VCB
f=1MHz
Ta= --
25°C
75°C
25°
C
5
3
2
7
5
3
2
7
5
3
2
--10
--100
--1000
72
3
5
7
23
5
7
23
5
--0.1
--0.01
--1.0
ITR04927
VCE(sat) -- IC
2SA1855
IC / IB=20
Ta=75°C
--25°
C
2SC4837
IC / IB=20
5
3
2
7
5
3
2
7
5
3
2
10
100
1000
72
3
5
7
23
5
7
23
5
0.1
0.01
1.0
ITR04928
VCE(sat) -- IC
25°C
Base-to-Emitter Voltage, VBE – V
Base-to-Emitter Voltage, VBE –V
Collector Current, IC – A
Collector Current, IC – A
Collector Current, IC – A
Collector-to-Base Voltage, VCB –V
Collector Current, IC – A
Collector Current, IC – A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com