Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS86 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAS86
Description  Small Signal Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS86 Datasheet(HTML) 1 Page - Vishay Siliconix

  BAS86 Datasheet HTML 1Page - Vishay Siliconix BAS86 Datasheet HTML 2Page - Vishay Siliconix BAS86 Datasheet HTML 3Page - Vishay Siliconix BAS86 Datasheet HTML 4Page - Vishay Siliconix BAS86 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAS86
Document Number 85511
Rev. 1.8, 13-Jan-11
Vishay Semiconductors
www.vishay.com
1
94 9371
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Small Signal Schottky Diode
Features
• For general purpose applications
• This diode features low turn-on voltage.
The devices are protected by a PN
junction guard ring against excessive
voltage, such as electrostatic discharges.
• Metal-on-silicon Schottky barrier device
which is protected by a PN junction guard ring.
• The low forward voltage drop and fast switching
make it ideal for protection of MOS devices,
steering, biasing and coupling diodes for fast
switching and low logic level applications
• This diode is also available in a DO-35 case with
type designation BAT86.
• AEC-Q101 qualified
• Compliant to RoHS Directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
Applications
• Applications where a very low forward voltage is
required
Mechanical Data
Case: MiniMELF SOD-80
Weight: approx. 31 mg
Cathode band color: black
Packaging codes/options:
GS18/10K per 13" reel (8 mm tape), 10K/box
GS08/2.5K per 7" reel (8 mm tape), 12.5K/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1) Valid provided that electrodes are kept at ambient temperature
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) Valid provided that electrodes are kept at ambient temperature
Part
Ordering code
Type marking
Remarks
BAS86
BAS86-GS18 or BAS86-GS08
-
Tape and reel
Parameter
Test condition
Symbol
Value
Unit
Continuous reverse voltage
VR
50
V
Forward continuous current
IF
200 1)
mA
Repetitive peak forward current
tp < 1 s, ν ≤ 0.5
IFRM
500 1)
mA
Power dissipation1)
Ptot
200 1)
mW
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to
ambient air
RthJA
300 1)
K/W
Junction temperature
Tj
125
°C
Ambient operating temperature
range
Tamb
- 65 to + 125
°C
Storage temperature range
Tstg
- 65 to +150
°C


Similar Part No. - BAS86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS86 PHILIPS-BAS86 Datasheet
28Kb / 6P
Schottky barrier diode
1996 Oct 01
logo
Vishay Siliconix
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
231Kb / 5P
Small Signal Schottky Diode
03-Mar-06
logo
SEMTECH ELECTRONICS LTD...
BAS86 SEMTECH_ELEC-BAS86 Datasheet
194Kb / 3P
SCHOTTKY BARRIER DIODE
logo
GOOD-ARK Electronics
BAS86 GOOD-ARK-BAS86 Datasheet
60Kb / 2P
Small-Signal Diode Schottky Diode
More results

Similar Description - BAS86

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Galaxy Semi-Conductor H...
BAT48 BILIN-BAT48 Datasheet
136Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
Vishay Siliconix
BAS170WS-V VISHAY-BAS170WS-V Datasheet
126Kb / 4P
Small Signal Schottky Diode
02-Jul-07
logo
New Jersey Semi-Conduct...
BAR19 NJSEMI-BAR19 Datasheet
68Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
Small signal Schottky diode
12-Nov-2010
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com