Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS86 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAS86
Description  Small Signal Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS86 Datasheet(HTML) 2 Page - Vishay Siliconix

  BAS86 Datasheet HTML 1Page - Vishay Siliconix BAS86 Datasheet HTML 2Page - Vishay Siliconix BAS86 Datasheet HTML 3Page - Vishay Siliconix BAS86 Datasheet HTML 4Page - Vishay Siliconix BAS86 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85511
Rev. 1.8, 13-Jan-11
BAS86
Vishay Semiconductors
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Min.
Typ.
Max.
Unit
Reverse breakdown voltage
IR = 10 µA (pulsed)
V(BR)
50
V
Leakage current
VR = 40 V
IR
5µA
Forward voltage
Pulse test tp < 300 µs,
IF = 0.1 mA, δ < 2 %
VF
200
300
mV
Pulse test tp < 300 µs,
IF = 1 mA, δ < 2 %
VF
275
380
mV
Pulse test tp < 300 µs,
IF = 10 mA, δ < 2 %
VF
365
450
mV
Pulse test tp < 300 µs,
IF = 30 mA, δ < 2 %
VF
460
600
mV
Pulse test tp < 300 µs,
IF = 100 mA, δ < 2 %
VF
700
900
mV
Diode capacitance
VR = 1 V, f = 1 MHz
CD
8pF
Reverse recovery time
IF = 10 mA, IR = 10 mA,
Irr = 1 mA,
trr
5ns
Figure 1. Max. Reverse Power Dissipation vs.
Junction Temperature
Figure 2. Reverse Current vs. Junction Temperature
15827
0
50
100
150
200
250
300
350
400
450
500
25
50
75
100
125
150
Tj - Junction Temperature (°C)
- Limit
at 100 %V
P
R
R
- Limit
at 80 %V
P
R
R
RthJA = 540 K/W
VR = 50 V
1
10
100
1000
10000
25
50
75
100
125
150
15828
Tj - Junction Temperature (°C)
VR = VRRM
Figure 3. Forward Current vs. Forward Voltage
Figure 4. Diode Capacitance vs. Reverse Voltage
15829
0
0.5
1.0
1.5
0.1
1
10
100
1000
VF - Forward Voltage (V)
Tj = 25 °C
Tj = 125 °C
15830
0
1
2
3
4
5
6
7
8
9
10
0.1
1
10
100
f = 1 MHz
VR - Reverse Voltage (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com