Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCS700-708 Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # LCS700-708
Description  Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS700-708 Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button LCS700-708 Datasheet HTML 9Page - Power Integrations, Inc. LCS700-708 Datasheet HTML 10Page - Power Integrations, Inc. LCS700-708 Datasheet HTML 11Page - Power Integrations, Inc. LCS700-708 Datasheet HTML 12Page - Power Integrations, Inc. LCS700-708 Datasheet HTML 13Page - Power Integrations, Inc. LCS700-708 Datasheet HTML 14Page - Power Integrations, Inc. LCS700-708 Datasheet HTML 15Page - Power Integrations, Inc. LCS700-708 Datasheet HTML 16Page - Power Integrations, Inc. LCS700-708 Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Rev. B 062011
13
LCS700-708
www.powerint.com
If the input voltage is variable (e.g. no PFC pre-regulator), and
the variation is greater than 24%, the OV threshold should be
increased with external circuitry on the resistor divider. External
circuitry is also needed if V
BROWNOUT needs to be reduced below
the default ratio.
In the example in the left-hand side of Figure 14 the resistor
divider is set so that brown-in threshold is 376 V, just under the V
PFC
set-point of 385 V. The OV shutdown threshold is 495 V, which
gives adequate margin against the device max V
DS rating of 530 V.
This minimizes required minimum LLC gain, and minimizes the
peak current at brown-out. In the example on the right of Figure
14, the OV restart threshold is set to 418 V, just above V
PFC. This
maximizes hold-up time for a given bulk capacitor value.
The OV/UV pin has an integrated 5 MW pull-down to detect
pin-open fault conditions.
The recommended pull-down resistor value for the OV/UV pin
divider is 20 kW - 22 kW. A very large resistor value will cause
the pin pull-down current to affect accuracy, and a small value
will increase power loss.
DT/BF Pin
The DT/BF pin senses the voltage divider ratio by entering into a
high-impedance mode for 500 ms after VCC is applied. It
senses the pin voltage, before the HiperLCS starts switching.
See Figure 15.
There are 3 discrete Burst Threshold settings that can be
selected. (This determines the burst start and stop switching
frequencies, see Table 3).
For proper selection, set the ratio of R
BURST to RFMAX as per Table 3.
Table 3.
Burst Threshold Selection Table.
The Burst Threshold setting is stored until VCC is powered down.
After the Burst Threshold detection, the DT/BF pin operates in
normal mode, sinking current, resembling a diode to ground,
with a Thevenin equivalent circuit of nominally 0.66 V and
1.1 kW. The current from the resistor divider into the pin,
determines the dead-time and the maximum frequency f
MAX.
The relationship between dead-time and f
MAX is fixed and
approximated by:
Time
-
f
kHz
Dead
ns
27 000
0
MAX
=
^
^
h
h
The relationship between DT/BF pin current and f
MAX, and
switching frequency vs. FEEDBACK pin current (which has the
same characteristic), is show in Figure 16.
The burst mode start and stop frequency thresholds are fixed
fractions of f
MAX, which depend on the Burst Threshold setting,
as set by the resistor divider ratio on the DT/BF pin.
Table 4. Burst Start and Stop Frequencies as Ratios of f
MAX.
Figure 14. OV/UV Pin Voltage Thresholds, at Minimum and Maximum Divider Ratios, for 385 V Nominal Input Voltage.
495 V
VOVH
376 V
VSDH
298 V
VSDL
475 V
VOVL
OV/UV pin resistor divider chosen
for minimum required LLC gain
200 V
Time
Time
385 V
436 V
VOVH
331 V
VSDH
262 V
VSDL
418 V
VOVL
OV/UV pin resistor divider chosen
for minimum hold-up capacitance
200 V
385 V
PI-6154-051811
RFMAX
RBURST
GND
VREF
DT/BF
PI-6460-051811
Figure 15. DT/BF Pin Divider.
Burst Threshold
R
BURST / RFMAX
1
19
2
9
3
5.67
Burst Threshold
Setting
f
START/fMAX
f
STOP/fMAX
1
7/16
8/16
2
6/16
7/16
3
5/16
6/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com