Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCS700-708 Datasheet(PDF) 20 Page - Power Integrations, Inc.

Part # LCS700-708
Description  Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS700-708 Datasheet(HTML) 20 Page - Power Integrations, Inc.

Back Button LCS700-708 Datasheet HTML 16Page - Power Integrations, Inc. LCS700-708 Datasheet HTML 17Page - Power Integrations, Inc. LCS700-708 Datasheet HTML 18Page - Power Integrations, Inc. LCS700-708 Datasheet HTML 19Page - Power Integrations, Inc. LCS700-708 Datasheet HTML 20Page - Power Integrations, Inc. LCS700-708 Datasheet HTML 21Page - Power Integrations, Inc. LCS700-708 Datasheet HTML 22Page - Power Integrations, Inc. LCS700-708 Datasheet HTML 23Page - Power Integrations, Inc. LCS700-708 Datasheet HTML 24Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Rev. B 062011
20
LCS700-708
www.powerint.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = 0 to 100 °C
V
CC = 12 V, VCCH = 12 V
(Unless Otherwise Specified)
Min
Typ
Max
Units
Half-Bridge (cont.)
ON-State Resistance
R
DS(ON)
Measured from D to
HB or from HB to S
V
CC = 12 V, VCCH =
12 V, T
J = 100 °C
LCS700, I = 0.8 A
2.15
2.63
W
LCS701, I = 1.2 A
1.42
1.78
LCS702, I = 1.6 A
1.05
1.33
LCS703, I = 2.0 A
0.85
1.06
LCS705, I = 3.0 A
0.58
0.71
LCS708, I = 4.8 A
0.36
0.45
Half-Bridge
Capacitance
C
HB
Effective half-bridge
capacitance.
V
HB swinging from
0 V to 400 V or
400 V to 0 V,
See Note A
LCS700
134
pF
LCS701
201
LCS702
268
LCS703
335
LCS705
503
LCS708
804
Diode Forward
Voltage
V
FWD
Measured from HB
to D or from S to HB
T
J = 125 °C
LCS700, I = 0.8 A
1.15
V
LCS701, I = 1.2 A
1.15
LCS702, I = 1.6 A
1.15
LSC703, I = 2.0 A
1.15
LCS705, I = 3.0 A
1.15
LCS708, I = 4.8 A
1.15
Power Supply
VCC Supply
Voltage Range
V
CC
See Note C
11.4
12
15
V
VCCH Supply
Voltage Range
V
CCH
See Note C
11.4
12
15
V
Start-Up Current
I
CC(OFF)
Undervoltage lockout state: V
CC = 8 V
0.85
1
mA
Inhibit Current
I
CC(INHIBIT)
V
CC = 12 V, OV/UV < VSD(L)
1.35
1.7
mA
VCC Operating
Current
I
CC(ON)
Typical at V
CC = 12 V
Maximum at V
CC =
15 V Measured at
300 kHz, HB Open
and V
D = 15 V
LCS700
4.0
5.2
mA
LCS701
4.4
5.8
LCS702
4.9
6.5
LCS703
5.4
7.1
LCS705
6.6
8.8
LCS708
8.8
11.8
VCCH Operating
Current
I
CCH(ON)
Typical at V
CCH = 12 V
Maximum at V
CCH =
15 V Measured at
300 kHz, HB Open
and V
D = 15 V
LCS700
3.4
4.6
mA
LCS701
3.9
5.2
LCS702
4.3
5.8
LSC703
4.7
6.4
LCS705
5.8
7.9
LCS708
7.8
10.7
VCC Supply Undervoltage Lockout
VCC Start Threshold
V
UVLO(+)
Device exits UVLO state when V
CC exceeds
UVLO+
10
10.7
11.4
V
VCC Shutdown
Threshold
V
UVLO(-)
Device enters UVLO state when V
CC falls
below UVLO+
9.1
9.8
10.5
V
VCC Start-Up/Shut-
down Hysteresis
V
UVLO(HYST)
0.70
0.90
1.20
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com