Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3357 Datasheet(PDF) 4 Page - Inchange Semiconductor Company Limited

Part # 2SC3357
Description  isc Silicon NPN RF Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC3357 Datasheet(HTML) 4 Page - Inchange Semiconductor Company Limited

  2SC3357 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC3357 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC3357 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC3357 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC3357 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC3357 Datasheet HTML 6Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC3357
S-PARAMETER
VCE = 10 V, IC = 40 mA, ZO = 50Ω
f (MHz)
︱S11
∠S11
︱S21
∠S21
︱S12
∠S12
︱S22
∠S22
200
0.196
-94.4
13.023
102.4
0.043
74.5
0.444
-21.1
400
0.103
-118.3
6.852
89.2
0.081
77.4
0.398
-25.3
600
0.056
-131.1
4.632
78.3
0.118
77.5
0.399
-26.9
800
0.024
-43.7
3.527
75.9
0.152
78.0
0.414
-28.9
1000
0.008
-2.0
2.854
68.7
0.188
78.4
0.440
-33.5
1200
0.039
13.1
2.421
65.7
0.218
75.7
0.461
-33.3
1400
0.072
11.8
2.118
59.0
0.255
71.7
0.479
-36.3
1600
0.102
9.6
1.887
57.1
0.278
73.1
0.499
-35.5
1800
0.129
8.6
1.681
52.5
0.308
71.3
0.515
-38.8
2000
0.151
9.8
1.579
51.4
0.339
71.8
0.537
-35.9
isc Website:www.iscsemi.cn
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com