Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3357 Datasheet(PDF) 5 Page - Inchange Semiconductor Company Limited

Part # 2SC3357
Description  isc Silicon NPN RF Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC3357 Datasheet(HTML) 5 Page - Inchange Semiconductor Company Limited

  2SC3357 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC3357 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC3357 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC3357 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC3357 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC3357 Datasheet HTML 6Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC3357
VCE = 10 V, IC = 20 mA, ZO = 50Ω
f (MHz)
︱S11
∠S11
︱S21
∠S21
︱S12
∠S12
︱S22
∠S22
200
0.130
-109.2
13.430
98.1
0.042
79.0
0.403
-22.1
400
0.073
-134.1
6.930
87.2
0.081
80.6
0.382
-24.7
600
0.037
-146.6
4.690
79.4
0.119
79.4
0.392
-25.6
800
0.010
177.1
3.560
75.2
0.154
79.7
0.412
-27.1
1000
0.024
23.7
2.878
68.2
0.191
76.5
0.440
-31.9
1200
0.056
17.2
2.439
65.4
0.220
76.8
0.463
-32.3
1400
0.093
13.8
2.133
59.0
0.257
72.9
0.483
-35.7
1600
0.124
12.0
1.898
57.3
0.280
74.0
0.504
-35.3
1800
0.151
11.0
1.693
52.9
0.311
72.4
0.519
-38.4
2000
0.174
13.4
1.591
52.0
0.341
72.8
0.542
-36.3
S-PARAMETER
S11e, S22e-FREQUENCY
CONDITION VCE = 10 V
isc Website:www.iscsemi.cn



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com