Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA6393D Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA6393D
Description  High-Performance Dual Comparator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6393D Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA6393D_06 Datasheet HTML 1Page - Sanyo Semicon Device LA6393D_06 Datasheet HTML 2Page - Sanyo Semicon Device LA6393D_06 Datasheet HTML 3Page - Sanyo Semicon Device LA6393D_06 Datasheet HTML 4Page - Sanyo Semicon Device LA6393D_06 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LA6393D / LA6393S
No.999-2/5
Operating Characteristics at Ta = 25
°C, VCC = 5V
Ratings
Parameter
Symbol
Conditions
Test
Circuit
min
typ
max
unit
Input offset voltage
VIO
1
±1
±5
mV
Input offset current
IIO
2
±5
±50
nA
Input bias current
IB
3
25
250
nA
Common-mode input voltage range
VICM
0
VCC-1.5
V
Supply current
ICC
RL = ∞
4
0.6
1
mA
Voltage gain
VG
RL = 15kΩ
5
200
V/mV
Response time
VRL = 5V, RL = 5.1kΩ
6
1.3
µs
Output sink current
ISINK
VIN- = 1V, VIN+ = 0V, VO≤1.5V
7
6
16
mA
Output saturation current
VOL
VIN- = 1V, VIN+ = 0V, ISINK≤3mA
8
0.2
0.4
V
Output leakage current
ILEAK
VIN- = 0V, VIN+ = 1V, VO = 5V
9
0.1
nA
Package Dimensions
unit: mm (typ)
3001D [LA6393D]
Package Dimensions
unit: mm (typ)
3017D [LA6393S]
SANYO : DIP8(300mil)
9.14
14
85
1.4
1.0
(0.76)
2.54
0.5
SANYO : SIP9
(0.84)
0.25
1.35
3.0
22.0
2.54
1.3
0.5
1
9



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com