Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA6393D Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA6393D
Description  High-Performance Dual Comparator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6393D Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA6393D_06 Datasheet HTML 1Page - Sanyo Semicon Device LA6393D_06 Datasheet HTML 2Page - Sanyo Semicon Device LA6393D_06 Datasheet HTML 3Page - Sanyo Semicon Device LA6393D_06 Datasheet HTML 4Page - Sanyo Semicon Device LA6393D_06 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LA6393D / LA6393S
No.999-3/5
Test Circuits
1. Input Offset Voltage
2. Input Offset Current
3. Input Bias Current
4. Supply Current
5. Voltage Gain
6. Response Time
7. Output Sink Current
8. Output Saturation Voltage
9. Output Leakage Current
VID=
VF
1+R2/R1
VCC
VCC
R2
R1
R1
R2 1.4V
VEE
VF1
C
NULL
IID=
VF2 - VF1
R(1+R2/R1)
VCC
VCC
R2
R1
R1
R2
1.4V
VEE
VF2
C
NULL
R
R
RL
VCC
VCC
R2
R1
R1
R2
1.4V
VEE
VF4
C
NULL
R
RL
VCC
VCC
R2
R1
R1
R2
EK1,
EK2
VF5,6
C
NULL
RL
RL
IB=
|VF3 - VF4|
2R(1+R2/R1)
VCC
VCC
R2
R1
R1
R2
1.4V
VEE
VF3
C
NULL
R
RL
A
VCC
A
VCC
LA6393D
LA6393S
ILA07103
ILA07104
ILA07106
ILA07107
ILA07105
VEE
VG=
(EK1 - EK2) (1+R2/R1)
VF6 - VF5
VCC
RL
100mV
0
VCC
VIN
VO
A
VCC
VIN
VOL
VCC
VIN
VO
A
V
ISINK
∆V(over-drive)
tr
VOUT
VIN
0
90%
ILA07109
ILA07111
ILA07110
ILA07108
∆V: Overdrive



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com