Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA6393D Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA6393D
Description  High-Performance Dual Comparator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6393D Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA6393D Datasheet HTML 1Page - Sanyo Semicon Device LA6393D Datasheet HTML 2Page - Sanyo Semicon Device LA6393D Datasheet HTML 3Page - Sanyo Semicon Device LA6393D Datasheet HTML 4Page - Sanyo Semicon Device LA6393D Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LA6393D / LA6393S
No.999-4/5
Equivalent Circuit
Pin Assignment
VCC
VOUT
100
µA
100
µA
TR8
TR7
TR4
TR6
TR5
TR2
TR3
TR1
VIN+
VIN-
ILA07112
LA6393D
LA6393S
ILA07113
VOUT2
VOUT1
VIN-1
VIN+1
VIN+2
VIN-2
GND
VCC
VCC
1
9
8
7
6
5
4
3
2
1
2
3
4
8
7
6
5
VOUT2
VOUT1
VIN-1
VIN+1
VIN-2
VIN+2
GND
VCC
0.4
0.8
1.2
1.6
2.0
2.4
0
04
8
12
16
20
24
28
32
36
ICC - VCC
ILA01102
Ta= -20°C
RL=∞
Ambient Temperature, Ta-
°C
IB - Ta
ILA01103
100
10
20
30
40
50
60
70
80
90
0
-30 -20
-10
0
10
20
30
40
50
60
70
80
90
-30 -20
-10
0
10
20
30
40
50
60
70
80
90
Ambient Temperature, Ta-
°C
VOL - Ta
ILA01104
0.08
0.16
0.24
0.28
0.04
0.12
0.20
0
VCC=+5V
ISINK=3mA
Output Sink Current, ISINK - mA
VOL - ISINK
ILA07115
2
5
3
2
7
0.01
5
3
2
7
0.1
5
3
2
7
1.0
0.001
0.01
23
5 7 0.1
23
5 7 1.0
23
5 7 10
2
Ta
=+
85°
C
-20
°C
+2
5°C
Supply Voltage, VCC - mA
+85°C
+25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com