Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA6393D Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA6393D
Description  High-Performance Dual Comparator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6393D Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA6393D Datasheet HTML 1Page - Sanyo Semicon Device LA6393D Datasheet HTML 2Page - Sanyo Semicon Device LA6393D Datasheet HTML 3Page - Sanyo Semicon Device LA6393D Datasheet HTML 4Page - Sanyo Semicon Device LA6393D Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
O1806 MS IM / 40500TN (KT) / 1300TA / 7087KI / 4235MW / 6032KI, ID No.999-1/5
LA6393D
LA6393S
Overview
The LA6393D and 6393S are high-performance dual comparators that are capable of operating from a single power
supply voltage over a wide range of 2 to 36V. Because of their excellent input characteristics and low power, they
can be very conveniently applied to multisignal parallel comparator circuits that require high-density assembly.
Features
• LA6393D: DIP-8 pin package, LA6393S: SIP-9 pin package.
• Wide operating power-supply voltage range (Single power supply: 2.0 to 36.0V, dual power supplies:
±1.0 to ±18.0V).
• Wide common-mode input voltage range (0 to VCC-1.5V).
• Open-collector output enabling wired OR.
• Small current drain (0.6mA) and low power.
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
36
V
Differential input voltage
VID
36
V
Common-mode input voltage range
VICM
-0.3 to +36
V
Allowable power dissipation
Pd max
570
mW
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
-55 to +125
°C
Ordering number : EN999D
Monolithic Linear IC
High-Performance Dual Comparator
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


Similar Part No. - LA6393D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6393D SANYO-LA6393D Datasheet
99Kb / 5P
High-Performance Dual Comparator
More results

Similar Description - LA6393D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6393D SANYO-LA6393D Datasheet
99Kb / 5P
High-Performance Dual Comparator
LA6393M SANYO-LA6393M Datasheet
87Kb / 4P
High-Performance Dual Comparator
logo
Linear Technology
RH119 LINER-RH119 Datasheet
161Kb / 4P
High Performance Dual Comparator
logo
Sanyo Semicon Device
LA6339M SANYO-LA6339M_08 Datasheet
207Kb / 5P
High-Performance Quad Comparator
LA6393AM SANYO-LA6393AM Datasheet
138Kb / 6P
For Parallel Comparator Circuits High-Performance Dual Comparator
LA6393AT SANYO-LA6393AT Datasheet
70Kb / 6P
For Parallel Comparator Circuits High-Performance Dual Comparator
LA6393JM SANYO-LA6393JM Datasheet
194Kb / 5P
High-Performance Dual Comparator
LA6393M SANYO-LA6393M_11 Datasheet
124Kb / 6P
For Parallel Comparator Circuits High-Performance Dual Comparator
LA6393T SANYO-LA6393T Datasheet
161Kb / 5P
High-Performance Dual Comparator
logo
Renesas Technology Corp
UPC271 RENESAS-UPC271 Datasheet
738Kb / 9P
High Performance Comparator
Rev.1.00
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com