Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3746 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC3746
Description  Silicon NPN Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC3746 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC3746 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC3746 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC3746 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC3746 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3746
DESCRIPTION
・With TO-220F package
・Complement to type 2SA1469
・Low saturation voltage
・Excellent current dependence of hFE
・Short switching time
APPLICATIONS
・Various inductance of lamp drivers for
electronic equipment
・Inverters ,converters
・Switching regulator ,driver
PINNING
PIN
DESCRIPTION
1
Base
2
Collector
3
Emitter
Absolute maximum ratings (Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
80
V
VCEO
Collector-emitter voltage
Open base
60
V
VEBO
Emitter-base voltage
Open collector
5
V
IC
Collector current
5
A
ICM
Collector current-peak
7
A
Ta=25℃
2
PC
Collector dissipation
TC=25℃
20
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-55~150
℃
Fig.1 simplified outline (TO-220F) and symbol


Similar Part No. - 2SC3746

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3746 SANYO-2SC3746 Datasheet
101Kb / 4P
60V/5A High-Speed Switching Applications
logo
Savantic, Inc.
2SC3746 SAVANTIC-2SC3746 Datasheet
253Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3746 JMNIC-2SC3746 Datasheet
195Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC3746 SAVANTIC-2SC3746 Datasheet
255Kb / 4P
Silicon NPN Power Transistors
logo
SYC Electronica
2SC3746 SYC-2SC3746 Datasheet
144Kb / 3P
60V/5A High-Speed Switching Applications
More results

Similar Description - 2SC3746

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com