Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3746 Datasheet (PDF) - SYC Electronica

2SC3746 Datasheet PDF - SYC Electronica
Part # 2SC3746
Download  2SC3746 Download
File Size   144.24 Kbytes
Page   3 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 60V/5A High-Speed Switching Applications

2SC3746 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3746 Datasheet PDF - SYC Electronica

Part # 2SC3746
Download  2SC3746 Click to download

File Size   144.24 Kbytes
Page   3 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 60V/5A High-Speed Switching Applications

2SC3746 Datasheet (HTML) - SYC Electronica


2SC3746 Product details

Applications
· Various inductance lamp drivers for electrical
equipment.
· Inverters, converters (strobo, flash, fluorescent lamp
lighting circuit).
· Power amp (high power car stereo, motor controller).
· High-speed switching (switching regulator, driver).
Features
· Low saturation voltage.
· Excellent current dependence of hFE.
· Short switching time.
· Micaless package facilitating mounting.




Similar Part No. - 2SC3746

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3746 SANYO-2SC3746 Datasheet
101Kb / 4P
60V/5A High-Speed Switching Applications
logo
Savantic, Inc.
2SC3746 SAVANTIC-2SC3746 Datasheet
253Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3746 JMNIC-2SC3746 Datasheet
195Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3746 ISC-2SC3746 Datasheet
167Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC3746 SAVANTIC-2SC3746 Datasheet
255Kb / 4P
Silicon NPN Power Transistors
More results


Similar Description - 2SC3746

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1289 SANYO-2SA1289 Datasheet
103Kb / 3P
60V/5A High-Speed Switching Applications
2SA1469 SANYO-2SA1469 Datasheet
101Kb / 4P
60V/5A High-Speed Switching Applications
2SA2023 SANYO-2SA2023 Datasheet
41Kb / 4P
60V / 5A High-Speed Switching Applications
logo
Rohm
2SA1952 ROHM-2SA1952 Datasheet
33Kb / 2P
High-speed Switching Transistor (-60V, -5A)
2SC5103 ROHM-2SC5103 Datasheet
65Kb / 2P
High speed switching transistor (60V, 5A)
2SA1952 ROHM-2SA1952_09 Datasheet
164Kb / 3P
High-speed Switching Transistor (-60V, -5A)
logo
Littelfuse
2SA1952TLQ LITTELFUSE-2SA1952TLQ Datasheet
107Kb / 3P
High-speed Switching Transistor (-60V, -5A)
logo
Rohm
2SC5103TLQ ROHM-2SC5103TLQ Datasheet
114Kb / 4P
High speed switching transistor (60V, 5A)
2SA1906 ROHM-2SA1906 Datasheet
57Kb / 1P
For high speed switching (−60V, −5A
2SA2006 ROHM-2SA2006 Datasheet
57Kb / 1P
For high speed switching (−60V, −5A)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com