Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3746 Datasheet(PDF) 1 Page - SYC Electronica

Part # 2SC3746
Description  60V/5A High-Speed Switching Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

2SC3746 Datasheet(HTML) 1 Page - SYC Electronica

  2SC3746 Datasheet HTML 1Page - SYC Electronica 2SC3746 Datasheet HTML 2Page - SYC Electronica 2SC3746 Datasheet HTML 3Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP/NPN Epitaxial Planar Silicon Transistors
60V/5A High-Speed Switching Applications
2SA1469/2SC3746
( ) : 2SA1469
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Electrical Characteristics at Ta = 25˚C
Package Dimensions
unit:mm
2041
[2SA1469/2SC3746]
Applications
· Various inductance lamp drivers for electrical
equipment.
· Inverters, converters (strobo, flash, fluorescent lamp
lighting circuit).
· Power amp (high power car stereo, motor controller).
· High-speed switching (switching regulator, driver).
Features
· Low saturation voltage.
· Excellent current dependence of hFE.
· Short switching time.
· Micaless package facilitating mounting.
1 : Emitter
2 : Collector
3 : Base
JEDEC : TO-220ML
˚C
˚C
* : The 2SA1469/2SC3746 are classified by 1A hFE as follows
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
8
)
–
(V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
6
)
–
(V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
5
)
–
(V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
5
)
–
(A
)
e
s
l
u
P
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI P
C
7
)
–
(A
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
2W
0
2W
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
0
4
1
Q
0
70
0
2
R
0
0
10
8
2
S
0
4
1
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
4
)
–
(
=
E 0
=)
–
(1
.
0A
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
4
)
–
(
=
C 0
=)
–
(1
.
0A
m
n
i
a
G
t
n
e
r
r
u
C
C
Dh E
F
V E
C
I
,
V
2
)
–
(
=
C
A
1
)
–
(
=*
0
7*
0
8
2
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
5
)
–
(
=
C
A
1
)
–
(
=0
0
1z
H
M
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
)
t
a
s
(
E
C
IC
I
,
A
5
.
2
)
–
(
=
B
A
5
2
1
.
0
)
–
(
=4
.
0
)
–
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
)
R
B
(
IC
I
,
A
m
0
1
)
–
(
=
E 0
=0
8
)
–
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
)
R
B
(
IC
R
,
A
m
1
)
–
(
=
E
B =∞
0
6
)
–
(V
e
g
a
t
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
)
R
B
(
IE
I
,
A
m
0
1
)
–
(
=
C 0
=5
)
–
(V
e
m
i
T
N
O
-
n
r
u
Tt n
o
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S1
.
0s
µ
e
m
i
T
e
g
a
r
o
t
St g
t
s
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S5
.
0s
µ
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S1
.
0s
µ
Tc=25˚C
2SC3746
NPN 60V 5A HI SPEED TO-220F
www.sycelectronica.com.ar


Similar Part No. - 2SC3746

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3746 SANYO-2SC3746 Datasheet
101Kb / 4P
60V/5A High-Speed Switching Applications
logo
Savantic, Inc.
2SC3746 SAVANTIC-2SC3746 Datasheet
253Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3746 JMNIC-2SC3746 Datasheet
195Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3746 ISC-2SC3746 Datasheet
167Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC3746 SAVANTIC-2SC3746 Datasheet
255Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC3746

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1289 SANYO-2SA1289 Datasheet
103Kb / 3P
60V/5A High-Speed Switching Applications
2SA1469 SANYO-2SA1469 Datasheet
101Kb / 4P
60V/5A High-Speed Switching Applications
2SA2023 SANYO-2SA2023 Datasheet
41Kb / 4P
60V / 5A High-Speed Switching Applications
logo
Rohm
2SA1952 ROHM-2SA1952 Datasheet
33Kb / 2P
High-speed Switching Transistor (-60V, -5A)
2SC5103 ROHM-2SC5103 Datasheet
65Kb / 2P
High speed switching transistor (60V, 5A)
2SA1952 ROHM-2SA1952_09 Datasheet
164Kb / 3P
High-speed Switching Transistor (-60V, -5A)
logo
Littelfuse
2SA1952TLQ LITTELFUSE-2SA1952TLQ Datasheet
107Kb / 3P
High-speed Switching Transistor (-60V, -5A)
logo
Rohm
2SC5103TLQ ROHM-2SC5103TLQ Datasheet
114Kb / 4P
High speed switching transistor (60V, 5A)
2SA1906 ROHM-2SA1906 Datasheet
57Kb / 1P
For high speed switching (−60V, −5A
2SA2006 ROHM-2SA2006 Datasheet
57Kb / 1P
For high speed switching (−60V, −5A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com