Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTD2003F Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # MTD2003F
Description  Stepping Motor Driver ICs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MTD2003F Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  MTD2003F Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MTD2003F Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
MTD2003F
Stepping Motor Driver ICs
●
Setting of Output Current and Chopping Frequency
Fig.1 shows constant current chopping wave form.
○
Output Current setting
○
Chopping Frequency Setting
Fig.1 Constant current wave form (Motor current / phase)
●
Equivalent Circuit・Basic Application Circuit
●
Pin Assignment
Io(100%) =
-
Vr
10・Rs
0.015
f =
1
0.72・Ct・Rt
●True Table
IN 1 or 4
IN 2 or 3
Out 1 or 4
Out 2 or 3
LL
OFF
OFF
LH
LH
HL
HL
HH
OFF
OFF
●Recommended Parts Value
Symbol
Recommended Value
Unit
Rs
0.68
Ω
Rt
18kΩ
Ct
3300
pF
Vr
Vcc
V
●Recommended Operating Conditions (Ta=25℃)
Item
Symbol
min.
typ.
max.
Unit
Motor Supply Voltage
Vmm
27
V
Output Current
Io
0.8
A
Logic Supply Voltage
Vcc
4.75
5.25
V
Chopping Frequency
fchop
20
kHz
Operating Temperature
Top
-25
120
℃
●True Table for Current Chopping Level
Vref(V)
(Vr=5V)
LL
100
0.5±5%
H
L
70
0.35±8%
L
H
33
0.17±10%
HH
0
I1
Current Level(%)
Io



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com