Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTD2003F Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # MTD2003F
Description  Stepping Motor Driver ICs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MTD2003F Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  MTD2003F Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MTD2003F Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
RATINGS
SHINDENGEN
OUTLINE DIMENSIONS
(Unit : mm)
MTD Series
Stepping Motor Driver ICs
MTD2003F
Case : HSOP-28
●
Constant-current chopping function
(Frequency fixed, separate-oscillation)
●
4-phase input
(with inhibit for simultaneously turn ON)
●
Current levels can be selected in
2 bit digital signal
●
A noise cancel function is provided
(No externally attached filter needed)
●
Protection for penetration current
●
Built-in overheating protection
●
Built-inflywheeldiodes
FEATURES
●Absolute Maximum Ratings (Ta=25℃)
Item
Symbol
Ratings
Unit
Output Voltage
VCEO(SUS)
30
V
Output Current
IO
1.2
A
Logic Supply Voltage
VCC
0~6V
Logic Input Voltage
VIN
0~VCC
V
Total Power Dissipation
PT
3W
Junction Temperature
Tj
150
℃
Storage Temperature
Tstg
-40~150
℃
●Electrical Characteristics (Ta=25℃)
Item
Symbol
Test Conditions
min.
typ.
max.
Unit
Output Saturation Voltage(Upper side)
VCE(sat)HIo=1.0A
1.2
1.4
V
Output Saturation Voltage(Lower side)
VCE(sat)L Io=1.0A
0.7
1.0
V
Output Leakage Current(Upper side)
IrH
Vmm=30V,Vout=0V
10
μA
Output Leakage Current(Lower side)
IrL
Vout=30V,VRS=0V
10
μA
Logic Supply Current(Standby)
ICC(OFF) VCC=5V,IN="H,H"or"L,L"
15
25
mA
Logic Supply Current(All Circuit ON)
ICC(ON) VCC=5V
50
65
mA
Input High Voltage
VINH
VCC = 5V
2.7
Vcc
V
Input Low Voltage
VINL
VCC = 5V
GND
0.6
V
Logic High Input Current
lINH
VCC = 5V,VIN=5V
10
μA
Logic Low Input Current
lINL
VCC = 5V,VIN=0V
-3
-20
μA
Io,II”H”Input Voltage
V(Io,II)H VCC=5V
2.7
Vcc
V
Io,II”L”Input Voltage
V(Io,II)L VCC=5V
GND
0.6
V
Io,II”H”Input Current
I(Io,II)H VCC=5V,V(Io,II)=5V
10
μA
Io,II”L”Input Current
I(Io,II)L VCC=5V,V(Io,II)=0V
-75
-100
μA
Current Sensor Threshold(100%)
VS1
VCC=Vr=5V,V(Io)=0V,V(II)=0V
0.475
0.5
0.525
V
Current Sensor Threshold(70%)
VS2
VCC=Vr=5V,V(Io)=5V,V(II)=0V
0.322
0.35
0.378
V
Current Sensor Threshold(33%)
VS3
VCC=Vr=5V,V(Io)=0V,V(II)=5V
0.153
0.17
0.187
V
Reference Input Current
Iref
VCC=5V,Vr=5V
500
650
μA
Input Current(Current Sensor)
Isense V
CC=5V,VS=0V
-1
-10
μA
Pulse Blanking Time
tb
VCC=5V,Ct=3300pF
1.55
μs
Thermal Shutdown Temperature
TTSD
150
℃


Similar Part No. - MTD2003F

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MTD2003F SHINDENGEN-MTD2003F_10 Datasheet
236Kb / 4P
Constant Current Control Function (Fixed Frequency PWM Control)
MTD2003F SHINDENGEN-MTD2003F_17 Datasheet
256Kb / 6P
Constant Current Control Function (Fixed Frequency PWM Control)
More results

Similar Description - MTD2003F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6845FS ROHM-BA6845FS Datasheet
72Kb / 6P
Stepping motor driver
logo
Shindengen Electric Mfg...
MTD1110 SHINDENGEN-MTD1110 Datasheet
435Kb / 2P
Stepping Motor Driver ICs
MTD1120 SHINDENGEN-MTD1120 Datasheet
421Kb / 2P
Stepping Motor Driver ICs
MTD1120F SHINDENGEN-MTD1120F Datasheet
408Kb / 2P
Stepping Motor Driver ICs
MTD2001 SHINDENGEN-MTD2001 Datasheet
441Kb / 2P
Stepping Motor Driver ICs
MTD2003 SHINDENGEN-MTD2003 Datasheet
425Kb / 2P
Stepping Motor Driver ICs
MTD2005 SHINDENGEN-MTD2005 Datasheet
445Kb / 2P
Stepping Motor Driver ICs
MTD2005F SHINDENGEN-MTD2005F Datasheet
433Kb / 2P
Stepping Motor Driver ICs
logo
Rohm
BA6846FV-E2 ROHM-BA6846FV-E2 Datasheet
90Kb / 6P
Stepping motor driver
logo
Sanken electric
SLA7080MPR SANKEN-SLA7080MPR Datasheet
297Kb / 18P
Unipolar 2-Phase Stepping Motor Driver ICs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com