Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCST1202 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TCST1202
Description  Reflective Optical Sensor with Transistor Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCST1202 Datasheet(HTML) 4 Page - Vishay Siliconix

  TCST1202 Datasheet HTML 1Page - Vishay Siliconix TCST1202 Datasheet HTML 2Page - Vishay Siliconix TCST1202 Datasheet HTML 3Page - Vishay Siliconix TCST1202 Datasheet HTML 4Page - Vishay Siliconix TCST1202 Datasheet HTML 5Page - Vishay Siliconix TCST1202 Datasheet HTML 6Page - Vishay Siliconix TCST1202 Datasheet HTML 7Page - Vishay Siliconix TCST1202 Datasheet HTML 8Page - Vishay Siliconix TCST1202 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
For technical questions, contact: sensorstechsupport@vishay.com
Document Number: 83751
4
Rev. 1.7, 17-Aug-09
CNY70
Vishay Semiconductors
Reflective Optical Sensor with
Transistor Output
Fig. 7 - Current Transfer Ratio vs. Forward Current
Fig. 8 - Current Transfer Ratio vs. Collector Emitter Voltage
Fig. 9 - Collector Current vs. Distance
Fig. 10 - Relative Radiant Intensity/Collector Current vs.
Angular Displacement
Fig. 11 - Relative Collector Current vs. Displacement
0.1
1
10
100
0.1
IF - Forward Current (mA)
96 11914
Kodak neutral card
(white side)
d = 0.3 mm
VCE =5 V
100
10
1
0.1
1
10
VCE - Collector Emitter Voltage (V)
96 12001
20 mA
10 mA
5 mA
2 mA
1 mA
I
F = 50 mA
Kodak neutral card
(white side)
d = 0.3 mm
0.1
1
10
100
0
0.001
0.1
1
10
d - Distance (mm)
95 11069
VCE = 5 V
IF = 20 mA
d
10
8
6
4
2
95 11063
0.6
0.9
0.8
0
°
30
°
10
°
20
°
40
°
50
°
60
°
70
°
80
°
0.7
1.0
0.6
0.4
0.2
0
0.2
0.4
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
s - Displacement (mm)
96 11915
VCE = 5 V
IF = 20 mA
d = 5 mm
4 mm
3 mm
2 mm
1 mm
0
ED
D
E
1.5
d
s
0
5 mm
10 mm
s
0
5 mm
10 mm
11
10
9
8
7
6
5
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com