Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCST1202 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TCST1202
Description  Reflective Optical Sensor with Transistor Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCST1202 Datasheet(HTML) 1 Page - Vishay Siliconix

  TCST1202 Datasheet HTML 1Page - Vishay Siliconix TCST1202 Datasheet HTML 2Page - Vishay Siliconix TCST1202 Datasheet HTML 3Page - Vishay Siliconix TCST1202 Datasheet HTML 4Page - Vishay Siliconix TCST1202 Datasheet HTML 5Page - Vishay Siliconix TCST1202 Datasheet HTML 6Page - Vishay Siliconix TCST1202 Datasheet HTML 7Page - Vishay Siliconix TCST1202 Datasheet HTML 8Page - Vishay Siliconix TCST1202 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Document Number: 83751
For technical questions, contact: sensorstechsupport@vishay.com
www.vishay.com
Rev. 1.7, 17-Aug-09
1
Reflective Optical Sensor with Transistor Output
CNY70
Vishay Semiconductors
DESCRIPTION
The CNY70 is a reflective sensor that includes an infrared
emitter and phototransistor in a leaded package which
blocks visible light.
FEATURES
• Package type: leaded
• Detector type: phototransistor
• Dimensions (L x W x H in mm): 7 x 7 x 6
• Peak operating distance: < 0.5 mm
• Operating range within > 20 % relative collector
current: 0 mm to 5 mm
• Typical output current under test: IC = 1 mA
• Emitter wavelength: 950 nm
• Daylight blocking filter
• Lead (Pb)-free soldering released
• Compliant
to
RoHS
directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
APPLICATIONS
• Optoelectronic scanning and switching devices i.e., index
sensing, coded disk scanning etc. (optoelectronic encoder
assemblies).
Notes
(1) CTR: current transfere ratio, Iout/Iin
(2) Conditions like in table basic charactristics/sensors
Note
(1) MOQ: minimum order quantity
ED
Top view
Marking area
19158_1
21835
PRODUCT SUMMARY
PART NUMBER
DISTANCE FOR
MAXIMUM CTRrel (1)
(mm)
DISTANCE RANGE FOR
RELATIVE Iout > 20 %
(mm)
TYPICAL OUTPUT
CURRENT UNDER TEST (2)
(mA)
DAYLIGHT
BLOCKING FILTER
INTEGRATED
CNY70
0
0 to 5
1
Yes
ORDERING INFORMATION
ORDERING CODE
PACKAGING
VOLUME (1)
REMARKS
CNY70
Tube
MOQ: 4000 pcs, 80 pcs/tube
-
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
COUPLER
Total power dissipation
Tamb ≤ 25 °C
Ptot
200
mW
Ambient temperature range
Tamb
- 40 to + 85
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
Distance to case 2 mm, t
≤ 5 s
Tsd
260
°C
INPUT (EMITTER)
Reverse voltage
VR
5V
Forward current
IF
50
mA
Forward surge current
tp ≤ 10 µs
IFSM
3A
Power dissipation
Tamb ≤ 25 °C
PV
100
mW
Junction temperature
Tj
100
°C


Similar Part No. - TCST1202

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCST1202 VISHAY-TCST1202 Datasheet
82Kb / 9P
Transmissive Optical Sensor with Phototransistor Output
08-Jun-99
TCST1202 VISHAY-TCST1202 Datasheet
153Kb / 9P
Transmissive Optical Sensor with Phototransistor Output
16-Aug-06
TCST1202 VISHAY-TCST1202 Datasheet
266Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
TCST1202 VISHAY-TCST1202 Datasheet
317Kb / 13P
Subminiature Transmissive Optical Sensor with Transistor Output
14-Mar-13
TCST1202 VISHAY-TCST1202 Datasheet
241Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
24-Aug-11
More results

Similar Description - TCST1202

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY70 VISHAY-CNY70 Datasheet
78Kb / 7P
Reflective Optical Sensor with Transistor Output
05-Apr-00
TCRT1000 VISHAY-TCRT1000 Datasheet
67Kb / 7P
Reflective Optical Sensor with Transistor Output
27-May-99
CNY70 VISHAY-CNY70_08 Datasheet
147Kb / 7P
Reflective Optical Sensor with Transistor Output
04-Sep-06
TCRT1000 VISHAY-TCRT1000_06 Datasheet
132Kb / 7P
Reflective Optical Sensor with Transistor Output
04-Sep-06
TCRT5000 VISHAY-TCRT5000_09 Datasheet
313Kb / 12P
Reflective Optical Sensor with Transistor Output
17-Aug-09
TCNT2000 VISHAY-TCNT2000 Datasheet
116Kb / 6P
Reflective Optical Sensor with Transistor Output
17-Aug-12
VCNT2020 VISHAY-VCNT2020 Datasheet
146Kb / 7P
Reflective Optical Sensor with Transistor Output
19-Jan-18
VCNT2025X01 VISHAY-VCNT2025X01 Datasheet
205Kb / 8P
Reflective Optical Sensor With Transistor Output
16-Mar-2022
CNY70 VISHAY-CNY70_V01 Datasheet
246Kb / 11P
Reflective Optical Sensor with Transistor Output
30-Jul-12
TCRT1000 VISHAY-TCRT1000_V01 Datasheet
267Kb / 11P
Reflective Optical Sensor With Transistor Output
13-Oct-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com