Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1941GP Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1941GP
Description  For Digital Cameras Constant Current Forward/Reverse Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1941GP Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1941GP_10 Datasheet HTML 1Page - Sanyo Semicon Device LB1941GP_10 Datasheet HTML 2Page - Sanyo Semicon Device LB1941GP_10 Datasheet HTML 3Page - Sanyo Semicon Device LB1941GP_10 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ordering number : ENA0610A
Monolithic Linear IC
For Digital Cameras
Constant Current
Forward/Reverse Driver
LB1941GP
Overview
The LB1941GP is a single-channel forward/reverse driver IC that provides a constant current control function. Its
low-saturation output makes it appropriate for voice coil motor control, and it is optimal for use as the shutter driver IC in
digital cameras.
Functions
• High-performance dual operational amplifier
• Constant current control (IO = 400 mA when Rf = 0.5Ω)
• Built-in thermal protection circuit
• Includes a rapid charge/rapid discharge circuit for stable shutter operation.
• Built-in reference voltage circuit (0.2 V typical)
• Ultraminiature package (VCT16 (2.6mm × 2.6mm)
Specifications
Maximum Ratings
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
-0.3 to +10.5
V
Output current
IO max
600
mA
Output applied voltage
VO max
-0.3 to VCC+0.3
V
Input applied voltage
VIN max
IN1, IN2
-0.3 to +10.5
V
Allowable power dissipation
Pd max
Mounted on a specified board.*
0.7
W
Operating temperature
Topr
-20 to +75
°C
Storage temperature
Tstg
-55 to +150
°C
Note*: Mounted on a board: 50
×40×10.8 mm3: glass epoxy four-layer.
Allowable Operating Range
at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Function-guaranteed voltage
range
VOPR
2.5 to 10
V
Constant-current set range
IOUT
Set with RFG-GND resistance
50 to 500
mA
Input low level voltage
VIL
IN1, IN2
-0.3 to +0.5
V
Input high level voltage
VIH
IN1, IN2
2.0 to 10
V
■ Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft’s control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
■ SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
33110 SY / 12407 MS PC 20060518-S00006 No.A0610-1/4


Similar Part No. - LB1941GP_10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1941GP SANYO-LB1941GP Datasheet
109Kb / 4P
Monolithic Linear IC For Digital Cameras Constant Current Forward/Reverse Driver
More results

Similar Description - LB1941GP_10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1941 SANYO-LB1941 Datasheet
36Kb / 4P
Constant Current Forward/Reverse Driver IC for Digital Cameras
LB1931T SANYO-LB1931T Datasheet
38Kb / 4P
Constant Current Solenoid Driver IC for Digital Cameras
LB1941GP SANYO-LB1941GP Datasheet
109Kb / 4P
Monolithic Linear IC For Digital Cameras Constant Current Forward/Reverse Driver
LB8650T SANYO-LB8650T Datasheet
73Kb / 6P
Driver for Digital Still Cameras
LB8652LP SANYO-LB8652LP Datasheet
112Kb / 9P
Driver for Digital Still Cameras
LB1941T SANYO-LB1941T Datasheet
88Kb / 4P
For Digital Cameras Constant Current Forward/Reverse Driver IC
LB1947VC SANYO-LB1947VC Datasheet
139Kb / 11P
Monolithic Digital IC PWM Current Control Type Forward/Reverse Motor Driver
LV8075LP SANYO-LV8075LP_11 Datasheet
109Kb / 4P
Constant-voltage Control 1-channel Forward/Reverse Motor Driver
logo
ON Semiconductor
LB1941T-TLM-E ONSEMI-LB1941T-TLM-E Datasheet
107Kb / 4P
For Digital Cameras Constant Current Forward/Reverse Driver IC
June, 2013
LV8075LP-E ONSEMI-LV8075LP-E Datasheet
62Kb / 4P
Constant-voltage Control 1-channel Forward/Reverse Motor Driver
May, 2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com