Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1941GP Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1941GP
Description  For Digital Cameras Constant Current Forward/Reverse Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1941GP Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1941GP_10 Datasheet HTML 1Page - Sanyo Semicon Device LB1941GP_10 Datasheet HTML 2Page - Sanyo Semicon Device LB1941GP_10 Datasheet HTML 3Page - Sanyo Semicon Device LB1941GP_10 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LB1941GP
Electrical Characteristics
at Ta
= 25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Standby Current dissipation
ISTB
VCC = 10V
1.0
mV
Constant-current H bridge drive circuit
VOUT11
VCC = 3V, IO = 200mA (Lower side)
0.08
0.15
μA
VOUT12
VCC = 3V, IO = 200mA (Upper side)
0.12
0.23
V
Output saturation voltage 1
VOUT1
VCC = 3V, IO = 200mA (Upper + Lower side)
0.20
0.35
V
VOUT21
VCC = 4V, IO = 500mA (Lower side)
0.25
0.38
V
VOUT22
VCC = 4V, IO = 500mA (Upper side)
0.35
0.52
V
Output saturation voltage 2 *
VOUT2
VCC = 4V, IO = 500mA (Upper + Lower side)
0.60
0.90
V
Output constant current 1
IOUT1
VCC = 4V, RL = 3Ω, RF = 1Ω
190
200
210
mA
Output constant current 2 *
IOUT2
VCC = 4V, RL = 3Ω, RF = 0.5Ω
375
400
424
mA
Temperature dependence of
output constant current
(reference Ta = 25°C)
ΔIO
VCC = 4V, RL = 3Ω, RF = 0.5Ω *
(Ta = –10 to +60°C)
-2
+2
%
Operating current dissipation
ICC
VCC = 4V, RL = 0Ω, (No load, full drive)
14
21
mA
Thermal protection operating
temperature
TSD
*
150
180
210
°C
Control input circuit
IIH1
VIH = 5.5V, VCC = 5.5V
80
100
μA
IIH2
VIH = 10V, VCC = 10V
145
200
μA
Control pin maximum input
current
IIL
VIL = GND
-1
0
μA
Note*: Design guarantee: Characteristics shown here are design targets and measurement with independent unit is not made before shipment.
Package Dimensions
unit : mm (typ)
3318
020
--20
40
60
100
80
0
0.6
0.2
0.8
0.4
1.0
Pd max -- Ta
MSG01470
0.7
0.42
Ambient temperature, Ta --
°C
Specified board
Specified board: 50
×40×0,8mm3
Fou-layer (2S2P), glass epoxy
2.6
0.25
SIDE VIEW
SIDE VIEW
BOTTOM VIEW
TOP VIEW
LASER MARKED
INDEX
0.5
(0.55)
(C0.116)
(0.125)
1
2
SANYO : VCT16(2.6X2.6)
No.A0195-2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com