Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG411LDY Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG411LDY
Description  Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG411LDY Datasheet(HTML) 1 Page - Vishay Siliconix

  DG411LDY Datasheet HTML 1Page - Vishay Siliconix DG411LDY Datasheet HTML 2Page - Vishay Siliconix DG411LDY Datasheet HTML 3Page - Vishay Siliconix DG411LDY Datasheet HTML 4Page - Vishay Siliconix DG411LDY Datasheet HTML 5Page - Vishay Siliconix DG411LDY Datasheet HTML 6Page - Vishay Siliconix DG411LDY Datasheet HTML 7Page - Vishay Siliconix DG411LDY Datasheet HTML 8Page - Vishay Siliconix DG411LDY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Vishay Siliconix
DG411L, DG412L, DG413L
Document Number: 71397
S11-0179-Rev. F, 07-Feb-11
www.vishay.com
1
Precision Monolithic Quad SPST
Low-Voltage CMOS Analog Switches
FEATURES
•
2.7- thru 12 V single supply or
± 3- thru ± 6 dual supply
•
On-resistance - RDS(on): 17 
•
Fast switching - tON: 19 ns
•tOFF: 12 ns
•
TTL, CMOS compatible
•
Low leakage: 0.25 nA
•
2000 V ESD protection
BENEFITS
•
Widest dynamic range
•
Low signal errors and distortion
•
Break-before-make switching action
•
Simple interfacinge
APPLICATIONS
•
Precision automatic test equipment
•
Precision data acquisition
•
Communication systems
•
Battery powered systems
•
Computer peripherals
•SDSL, DSLAM
•
Audio and video signal routing
DESCRIPTION
The DG411L, DG412L, DG413L are low voltage pin-for-pin
compatible companion devices to the industry standard
DG411, DG412, DG413 with improved performance.
Using BiCMOS wafer fabrication technology allows the
DG411L, DG412L, DG413L to operate on single and dual
supplies. Single supply voltage ranges from 3 to 12 V while
dual supply operation is recommended with ± 3 to ± 6 V.
Combining high speed (tON: 19 ns), flat RDS(on) over the
analog signal range (5
), minimal insertion lose (- 3 dB at
280
MHz),
and
excellent
crosstalk
and
off-isolation
performance (- 50 dB at 50 MHz), the DG411L, DG412L,
DG413L are ideally suited for audio and video signal
switching.
The DG411L and DG412L respond to opposite control logic
as shown in the Truth Table. The DG413L has two normally
open and two normally closed switches.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Logic “0”
 0.8 V
Logic “1”
 2.4 V
Logic “0”
 0.8 V
Logic “1”
 2.4 V
* Pb containing terminations are not RoHS compliant, exemptions may apply
TRUTH TABLE
Logic
DG411L
DG412L
0ON
OFF
1OFF
ON
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
IN1
IN2
D1
D2
S1
S2
V-
V+
GND
VL
S4
S3
D4
D3
IN4
IN3
Dual-In-Line, TSSOP and SOIC
DG411L, DG412L
TRUTH TABLE
Logic
SW1, SW4
SW2, SW3
0OFF
ON
1ON
OFF
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
IN1
IN2
D1
D2
S1
S2
V-
V+
GND
VL
S4
S3
D4
D3
IN4
IN3
DG413L
Dual-In-Line, TSSOP and SOIC
Available
RoHS*
COMPLIANT


Similar Part No. - DG411LDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG411LDY VISHAY-DG411LDY Datasheet
140Kb / 11P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
25-Jun-07
DG411LDY-E3 VISHAY-DG411LDY-E3 Datasheet
140Kb / 11P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
25-Jun-07
DG411LDY-T1 VISHAY-DG411LDY-T1 Datasheet
140Kb / 11P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
25-Jun-07
DG411LDY-T1-E3 VISHAY-DG411LDY-T1-E3 Datasheet
140Kb / 11P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
25-Jun-07
More results

Similar Description - DG411LDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG411L VISHAY-DG411L Datasheet
76Kb / 9P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
26-Aug-02
DG411L VISHAY-DG411L_08 Datasheet
140Kb / 11P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
25-Jun-07
DG441L VISHAY-DG441L Datasheet
115Kb / 10P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
17-Mar-03
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
Precision Monolithic Quad SPST CMOS Analog Switches
13-Jul-09
DG441L VISHAY-DG441L_11 Datasheet
202Kb / 14P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
30-May-11
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
Precision Monolithic Quad SPST CMOS Analog Switches
02-Dec-13
DG441L VISHAY-DG441L_V01 Datasheet
263Kb / 15P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
30-May-11
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
Precision Monolithic Quad SPST CMOS Analog Switches
27-May-13
DG411L VISHAY-DG411L_V01 Datasheet
240Kb / 15P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
07-Feb-11
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
Precision Monolithic Quad SPST CMOS Analog Switches
13-Jun-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com