Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG412LDY Datasheet(PDF) 10 Page - Vishay Siliconix

Part # DG412LDY
Description  Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG412LDY Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button DG412LDY Datasheet HTML 6Page - Vishay Siliconix DG412LDY Datasheet HTML 7Page - Vishay Siliconix DG412LDY Datasheet HTML 8Page - Vishay Siliconix DG412LDY Datasheet HTML 9Page - Vishay Siliconix DG412LDY Datasheet HTML 10Page - Vishay Siliconix DG412LDY Datasheet HTML 11Page - Vishay Siliconix DG412LDY Datasheet HTML 12Page - Vishay Siliconix DG412LDY Datasheet HTML 13Page - Vishay Siliconix DG412LDY Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.vishay.com
10
Document Number: 71397
S11-0179-Rev. F, 07-Feb-11
Vishay Siliconix
DG411L, DG412L, DG413L
TEST CIRCUITS
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?71397.
Figure 4. Charge Injection
CL
10 nF
D
Rg
VO
V+
S
V-
3 V
IN
VL
Vg
GND
OFF
ON
OFF
OFF
ON
OFF
VO
ΔVO
INX
INX
Q =
ΔVO x CL
INX dependent on switch configuration Input polarity determined
by sense of switch.
V-
V+
VL
Figure 5. Crosstalk
0 V, 2.4 V
S1
XTALK Isolation = 20 log
VS
VO
D2
C = RF bypass
RL
D1
S2
VS
0 V, 2.4 V
IN1
50
Ω
VO
IN2
Rg = 50 Ω
VL
V+
GND
V -
NC
C
CC
V+
V-
VL
Figure 6. Off-Isolation
RL
50
Ω
D
0 V, 2.4 V
V+
Rg = 50 Ω
GND
V-
C
VS
Off Isolation = 20 log
VS
VO
IN
VL
VO
C
S
C
C = RF Bypass
V-
V+
VL
Figure 7. Source/Drain Capacitances
D
IN
S
VL
V+
GND
V -
C
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent
CC
VLV+
V-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com