Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG412LDY Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG412LDY
Description  Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG412LDY Datasheet(HTML) 4 Page - Vishay Siliconix

  DG412LDY Datasheet HTML 1Page - Vishay Siliconix DG412LDY Datasheet HTML 2Page - Vishay Siliconix DG412LDY Datasheet HTML 3Page - Vishay Siliconix DG412LDY Datasheet HTML 4Page - Vishay Siliconix DG412LDY Datasheet HTML 5Page - Vishay Siliconix DG412LDY Datasheet HTML 6Page - Vishay Siliconix DG412LDY Datasheet HTML 7Page - Vishay Siliconix DG412LDY Datasheet HTML 8Page - Vishay Siliconix DG412LDY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.vishay.com
4
Document Number: 71397
S11-0179-Rev. F, 07-Feb-11
Vishay Siliconix
DG411L, DG412L, DG413L
Notes:
a. Refer to PROCESS OPTION FLOWCHART.
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
g. Leakage parameters are guaranteed by worst case test conditions and not subject to test.
SPECIFICATIONSa (Dual Supply ± 5 V)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 5 V, V- = - 5 V
VL = 5 V, VIN = 2.4 V, 0.8 V
f
Temp.b
Ty.pc
A Suffix Limits
- 55 °C to 125 °C
D Suffix Limits
- 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
- 5
5
- 5
5
V
Drain-Source On-Resistance
RDS(on)
V+ = 5 V, V- = - 5 V
IS = 10 mA, VD = ± 3.5 V
Room
Full
20
33
45
33
40
Switch Off
Leakage Currentg
IS(off)
V+ = 5.5 , V- = - 5.5 V
VD = ± 4.5 V, VS = ± 4.5 V
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
nA
ID(off)
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
Channel On
Leakage Currentg
ID(on)
V+ = 5.5 V, V- = - 5.5 V
VS = VD = ± 4.5 V
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
Digital Control
Input Current, VIN Low
e
IIL
VIN under test = 0.8 V
Full
0.05
- 1.5
1.5
- 1
1
µA
Input Current, VIN High
e
IIH
VIN under test = 2.4 V
Full
0.05
- 1.5
1.5
- 1
1
Dynamic Characteristics
Turn-On Timee
tON
RL = 300 , CL = 35 pF
VS = ± 3.5 V, see figure 2
Room
Full
21
50
70
50
60
ns
Turn-Off Timee
tOFF
Room
Full
16
35
50
35
40
Break-Before-Make Time
Delaye
tD
DG413L only, VS = 3.5 V
RL = 300 , CL = 35 pF
Room
6
Charge Injectione
QVg = 0 V, Rg = 0 , CL = 10 nF
Room
5
pC
Off Isolatione
OIRR
RL = 50 , CL = 5 pF , f = 1 MHz
Room
68
dB
Channel-to-Channel
Crosstalke
XTALK
Room
85
Source Off Capacitancee
CS(off)
f = 1 MHz
Room
9
pF
Drain Off Capacitancee
CD(off)
Room
9
Channel On Capacitancee
CD(on)
Room
20
Power Supplies
Positive Supply Currente
I+
VIN = 0 or 5 V
Room
Full
0.03
1
7.5
1
5
µA
Negative Supply Currente
I-
Room
Full
- 0.002
- 1
- 7.5
- 1
- 5
Logic Supply Currente
IL
Room
Full
0.002
1
7.5
1
5
Ground Currente
IGND
Room
Full
- 0.002
- 1
- 7.5
- 1
- 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com