Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16K33 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT16K33
Description  RAM Mapping 16*8 LED Controller Driver with keyscan
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16K33 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT16K33 Datasheet HTML 9Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 10Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 11Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 12Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 13Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 14Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 15Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 16Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
Rev. 1.10
10
�a� 1�� �011
Rev. 1.10
11
�a� 1�� �011
HT16K33
RAM Mapping 16*8 LED Controller Driver with keyscan
System Setup Register
The system setup register configures system operation or standby for the HT16K33.
● The internal system oscillator is enabled when the ‘S’ bit of the system setup register is set to “1”.
● The internal system clock is disabled and the device will enter the standby mode when the “S” bit
of the system setup register is set to “0”.
● Before the standby mode command is sent, it is strongly recommended to read the key data first.
● The system setup register command is shown as follows:
Name
Command / Address / Data
Option
Description
Def.
D15 D14 D13 D12 D11 D10 D9 D8
S�stem
set
0
0
1
0
X
X
X
S
{S}
Write
onl�
Defines internal system oscillator
on/off
● {0}:Turn off S�stem oscillator
(standb� mode)
● {1}:Turn on S�stem oscillator
(normal operation mode)
�0H
ROW/INT Set Register
The ROW/INT setup register can be set to either an LED Row output, or an INT logic output.
● The INT output is selected when the ROW/INT set register is set to “1”.
● The ROW output is selected when the ROW/INT set register is set to “0”.
● The INT logic output can be configured as an INT output level controlled by the keyscan circuitry
and controlled through the 2-wire interface.
● The INT output is active-low when the ‘act’ bit of ROW/INT set register is set to “0”.
● The INT output is active-high when the ‘act’ bit of ROW/INT set t register is set to “1”.
● The ROW/INT setup register command is shown as follows:
Name
Command / Address / Data
Option
Description
Def.
D15 D14 D13 D12 D11 D10 D9 D8
row/int
set
1
0
1
0
X
X act row/
int
{act�
row/int }
Write
onl�
● Defines INT/ROW output pin
select and INT pin output active
level status.
● {X 0}: INT/ROW output pin is
set to ROW driver output.
● {0� 1}: INT/ROW output pin is
set to INT output� active low.
● {1� 1}: INT/ROW output pin is
set to INT output� active high.
A0H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com