Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16K33 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT16K33
Description  RAM Mapping 16*8 LED Controller Driver with keyscan
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16K33 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT16K33 Datasheet HTML 35Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 36Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 37Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 38Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 39Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 40Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 41Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 42Page - Holtek Semiconductor Inc HT16K33 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
Rev. 1.10
3�
�a� 1�� �011
Rev. 1.10
37
�a� 1�� �011
HT16K33
RAM Mapping 16*8 LED Controller Driver with keyscan
●
8*8 display application: (No INT pin function and 8*3 key function)
LED matrix
SCL
SDA
VDD
VSS
�CU
VDD
VSS
HT1�K33
VSS
0.1uF
CO�0
CO�1/KS0
CO��/KS1
CO�3/KS�
CO�4
CO�5
CO��
CO�7
VDD
Row7/K8/INT
Row�/K7
Row5/K�
Row4/K5
Row3/K4
Row�/K3
Row1/K�
Row0/K1
39KΩ*8
=
R1
R�
R3
R4
R5
R�
R7
R8
4.7KΩ
4.7KΩ
Note: 1. The I2C slave address (A0~A2) =000.
2. If the key input is not used for LED display, the resistor in series with the key input (R1~R8) can be omitted.
●
7*8 display application: (INT pin function and 7*3 key function)
LED matrix
SCL
SDA
VDD
VSS
�CU
VDD
VSS
HT1�K33
0.1uF
CO�0
CO�1/KS0
CO��/KS1
CO�3/KS�
CO�4
CO�5
CO��
CO�7
Row7/K8/INT
Row�/K7
Row5/K�
Row4/K5
Row3/K4
Row�/K3
Row1/K�
Row0/K1
39KΩ*7
=
VSS
VDD
R1
R�
R3
R4
R5
R�
R7
4.7KΩ
4.7KΩ
Note: 1. The I2C slave address (A0~A2) =000.
2. If the key input is not used for LED display, the resistor in series with the key input (R1~R7) can be omitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com