Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1382 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT1382
Description  I2C/3-Wire Real Time Clock
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1382 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT1382 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 16Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 17Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 18Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 19Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 20Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 21Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Page Write Sequence
Read Operation
In this mode, the master reads the device data after setting the slave address. Following the R/W bit
(=
²0²) and the acknowledge bit, the register address (An) is written to the address W pointer. Next the
START condition and slave address are repeated followed by the R/W bit (=
²1²). The data which was
addressed is then transmitted. The address pointer is only incremented on reception of an acknowledge
clock. The device will then place the data at address An+1 on the bus. The master reads and
acknowledges the new byte and the address pointer is incremented to
²An+2². After reaching the
memory location 0Fh, the pointer will be reset to 00h. This cycle of reading consecutive addresses will
continue until the master sends a STOP condition.
Read Sequence
3-wire Serial Interface
The device also support a 3-wire serial interface. The CE pin is used to identify the transmitted data.
The transmission is controlled by the active HIGH signal CE. Each data transfer is a byte, with the LSB
sent first. The first byte transmitted is the Command Byte.
Command Byte
For each data transfer, a Command Byte is initiated to specify which register is accessed. This is to
determine whether a read or write cycle is operational and whether a single byte or burst mode transfer
is to occur.
R/W Signal
The LSB of the Command Byte determines whether the data in the register is to be read or be written
to. If it is
²0² then this means that it is a write cycle. If it is ²1² then this means that it is a read cycle.
Burst Mode
When the Command Byte is 10111110 or 10111111, the device is configured in the burst mode. In this
mode, the address of registers from 00h to 0Fh can be written or read in series, starting with bit 0 of
register address 0.
Rev. 1.40
18
May 27, 2011
HT1382
I2C/3-Wire Real Time Clock
11 0 10 0 0 1
S
Read
Data(n)
ACK
Data(n+1)
Data(n+x)
P
11 0 10 0 0 0
S
ACK
Slave Address
Write
Register Address(An)
P
ACK
Slave Address
ACK
ACK
ACK
ACK
11 0 10 0 0 0
S
Data(n+1)
Data(n+x)
P
Slave Address
Write
Register Address(An)
Data(n)
ACK
ACK
ACK
ACK
ACK
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com