Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1382 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT1382
Description  I2C/3-Wire Real Time Clock
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1382 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT1382 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Pad Assignment
Chip size: 1245
´ 1520 (mm)
2
* The IC substrate should be connected to VSS in the PCB layout artwork.
Pad Coordinates
Unit:
mm
Pad No.
X
Y
Pad No.
X
Y
1
-520.005
-161.460
6
-520.005
-646.610
2
-520.005
-256.460
7
521.000
-625.000
3
-520.005
-360.130
8
521.000
-530.000
4
-520.005
-455.130
9
521.000
-425.300
5
-520.005
-550.130
10
516.450
-288.400
Pad Description
Pad No.
Pad Name
I/O
Description
1
X1
I
32768Hz crystal input pin
2
X2
O
32768Hz crystal output pin
3
VBAT
¾
Battery power supply
4
VSS
¾
Negative power supply, ground
5
IFS
I
Interface selection pin.
I
2C interface is selected when IFS is unconnected, 3-wire interface is selected
when IFS is connected to VSS.
6CE
I
Chip Enable for 3-wire interface
Not used for I
2C interface
7
SDA/I/O
I/O
Serial Data Input/Output for I
2C and 3-wire interfaces
8
SCL/SCLK
I/O
Serial Clock Input for I
2C and 3-wire interfaces
9
IRQ/FOUT
O
Interrupt/Frequency Output, this pin is open drain output
10
VDD
¾
Positive power supply
HT1382
I2C/3-Wire Real Time Clock
Rev. 1.40
3
May 27, 2011
1
2
3
X 1
X 2
V S S
S D A
S C L K
V D D
4
5
6
7
8
9
1 0
( 0 , 0 )
C E
V B A T
I F S
I R Q / F O U T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com