Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDX62 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BDX62
Description  isc Silicon PNP Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDX62 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BDX62 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDX62 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
BDX62/A/B/C
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BDX62
-60
BDX62A
-80
BDX62B
-100
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BDX62C
IC= -100mA ;IB=0
-120
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -3A; IB= -12mA
B
-2
V
VBE(on)
Base-Emitter On Voltage
IC= -3A ; VCE= -3V
-2.5
V
ICEO
Collector Cutoff Current
VCE=
1/
2VCEO; IB= 0
-0.2
mA
ICBO
Collector Cutoff Current
VCB= VCBOmax;IE= 0
-0.2
mA
BDX62
VCB= -40V;IE= 0;TJ= 200℃
BDX62A
VCB= -50V;IE= 0;TJ= 200℃
BDX62B
VCB= -60V;IE= 0;TJ= 200℃
ICBO
Collector Cutoff Current
BDX62C
VCB= -70V;IE= 0;TJ= 200℃
-2
mA
IEBO
Emitter Cutoff Current
VEB= -5V; IC=0
-5
mA
hFE-1
DC Current Gain
IC= -0.5A ; VCE= -3V
1500
hFE-2
DC Current Gain
IC= -3A ; VCE= -3V
1000
hFE-3
DC Current Gain
IC= -8A ; VCE= -3V
750
COB
Output Capacitance
IE= 0 ; VCB= -10V; ftest= 1MHz
100
pF
Switching times
ton
Turn-on Time
0.5
μs
toff
Turn-off Time
IC= -3A; IB1= -IB2= -12mA
2.5
μs
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com