Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDX62 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BDX62
Description  isc Silicon PNP Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDX62 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BDX62 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDX62 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
BDX62/A/B/C
DESCRIPTION
·Collector Current -IC= -8A
·High DC Current Gain-hFE= 1000(Min)@ IC= -3A
·Complement to Type BDX63/A/B/C
APPLICATIONS
·Designed for audio output stages and general amplifier
and switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
BDX62
-80
BDX62A
-100
BDX62B
-120
VCBO
Collector-Base
Voltage
BDX62C
-140
V
BDX62
-60
BDX62A
-80
BDX62B
-100
VCEO
Collector-Emitter
Voltage
BDX62C
-120
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-8
A
ICM
Collector Current-Peak
-12
A
IB
B
Base Current-Continuous
-0.15
A
PC
Collector Power Dissipation
@ TC=25℃
90
W
TJ
Junction Temperature
200
℃
Tstg
Storage Temperature Range
-65~200
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.94
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - BDX62

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
BDX62 COMSET-BDX62 Datasheet
164Kb / 5P
PNP SILICON DARLINGTONS
logo
Seme LAB
BDX62 SEME-LAB-BDX62 Datasheet
16Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3
logo
Comset Semiconductor
BDX62 COMSET-BDX62 Datasheet
83Kb / 4P
PNP SILICON DARLINGTON POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
BDX62 NJSEMI-BDX62 Datasheet
143Kb / 2P
Silicon PNP Darlington Power Transistor
logo
Seme LAB
BDX62A SEME-LAB-BDX62A Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
More results

Similar Description - BDX62

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MJ11015 ISC-MJ11015 Datasheet
53Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB673 ISC-2SB673 Datasheet
106Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1079 ISC-2SB1079 Datasheet
103Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1340 ISC-2SB1340 Datasheet
100Kb / 2P
isc Silicon PNP Darlington Power Transistor
2N6666 ISC-2N6666 Datasheet
112Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB727 ISC-2SB727 Datasheet
259Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB884 ISC-2SB884 Datasheet
248Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1383 ISC-2SB1383 Datasheet
244Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1495 ISC-2SB1495 Datasheet
241Kb / 2P
isc Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com