Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDX88A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BDX88A
Description  isc Silicon PNP Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDX88A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BDX88A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDX88A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
BDX88/A/B/C
DESCRIPTION
·High DC Current Gain-
: hFE= 750(Min)@ IC= -6A
·Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = -45V(Min)- BDX88; -60V(Min)- BDX88A
-80V(Min)- BDX88B; -100V(Min)- BDX88C
·Complement to Type BDX87/A/B/C
APPLICATIONS
·Designed for use in power linear and switching applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
BDX88
-45
BDX88A
-60
BDX88B
-80
VCBO
Collector-Base Voltage
BDX88C
-100
V
BDX88
-45
BDX88A
-60
BDX88B
-80
VCEO
Collector-Emitter Voltage
BDX88C
-100
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-12
A
ICM
Collector Current-Peak
-18
A
IB
B
Base Current
-200
mA
PC
Collector Power Dissipation
@ TC=25℃
120
W
TJ
Junction Temperature
200
℃
Tstg
Storage Temperature Range
-65~200
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.45
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - BDX88A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BDX88A CENTRAL-BDX88A Datasheet
53Kb / 1P
Power Transistors
logo
Seme LAB
BDX88A SEME-LAB-BDX88A Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3
logo
New Jersey Semi-Conduct...
BDX88A NJSEMI-BDX88A Datasheet
135Kb / 2P
Silicon PNP Darlington Power Transistor
More results

Similar Description - BDX88A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MJ11015 ISC-MJ11015 Datasheet
53Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB673 ISC-2SB673 Datasheet
106Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1079 ISC-2SB1079 Datasheet
103Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1340 ISC-2SB1340 Datasheet
100Kb / 2P
isc Silicon PNP Darlington Power Transistor
2N6666 ISC-2N6666 Datasheet
112Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB727 ISC-2SB727 Datasheet
259Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB884 ISC-2SB884 Datasheet
248Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1383 ISC-2SB1383 Datasheet
244Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1495 ISC-2SB1495 Datasheet
241Kb / 2P
isc Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com