Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3011 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS3011
Description  Rail-to-rail high-speed comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3011 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS3011 Datasheet HTML 3Page - STMicroelectronics TS3011 Datasheet HTML 4Page - STMicroelectronics TS3011 Datasheet HTML 5Page - STMicroelectronics TS3011 Datasheet HTML 6Page - STMicroelectronics TS3011 Datasheet HTML 7Page - STMicroelectronics TS3011 Datasheet HTML 8Page - STMicroelectronics TS3011 Datasheet HTML 9Page - STMicroelectronics TS3011 Datasheet HTML 10Page - STMicroelectronics TS3011 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TS3011
Electrical characteristics
Doc ID 022078 Rev 1
7/14
Figure 7.
Output voltage drop vs. sourcing
current, output high, VCC = 5 V
Figure 8.
Input offset voltage vs. common
mode voltage
Figure 9.
Input offset voltage vs. temperature Figure 10. Propagation delay vs. common
mode voltage with negative
transition
Figure 11. Propagation delay vs. common
mode voltage with positive
transition
Figure 12. Propagation delay vs. power supply
voltage with negative transition
1E-4
1E-3
0.01
0.1
1E-3
0.01
0.1
1
T = 25
oC
I
SOURCE
(A)
T = 125
oC
T = -40
oC
V
CC
= 5V
output HIGH
012
345
-4
-2
0
2
4
V
TRIP-
V
CC
= 5V
V
ICM
(V)
V
TRIP+
-40
-20
0
20
406080
100
120
-4
-2
0
2
4
V
TRIP-
V
CC
= 5V
V
ICM
= V
CC
/2
Temperature
(
o
C
)
V
TRIP+
-0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
7
8
9
10
11
T= -40°C
T= 25°C
T= 125°C
V
ICM
(V)
V
CC
= 5V
V
OV
= 50mV
-0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
T= -40°C
T= 25°C
T= 125°C
V
ICM
(V)
V
CC
= 5V
V
OV
= 50mV
2.0
2.5
3.0
3.5
4.0
4.5
5.0
6
7
8
9
10
11
12
T= -40°C
T= 25°C
T= 125°C
V
CC
(V)
V
ICM
= 0V
V
OV
= 50mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com