Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3011 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS3011
Description  Rail-to-rail high-speed comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3011 Datasheet(HTML) 1 Page - STMicroelectronics

  TS3011 Datasheet HTML 1Page - STMicroelectronics TS3011 Datasheet HTML 2Page - STMicroelectronics TS3011 Datasheet HTML 3Page - STMicroelectronics TS3011 Datasheet HTML 4Page - STMicroelectronics TS3011 Datasheet HTML 5Page - STMicroelectronics TS3011 Datasheet HTML 6Page - STMicroelectronics TS3011 Datasheet HTML 7Page - STMicroelectronics TS3011 Datasheet HTML 8Page - STMicroelectronics TS3011 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
October 2011
Doc ID 022078 Rev 1
1/14
14
TS3011
Rail-to-rail high-speed comparator
Features
■ Propagation delay: 8 ns
■ Low current consumption: 470
μA typ at 5 V
■ Rail-to-rail inputs
■ Push-pull outputs
■ Supply operation from 2.2 to 5 V
■ Wide temperature range: -40°C to +125°C
■ ESD tolerance: 2 kV HBM/200 V MM
■ Latch-up immunity: 200 mA
■ SMD packages
Applications
■ Telecoms
■ Instrumentation
■ Signal conditioning
■ High-speed sampling systems
■ Portable communication systems
Description
The TS3011 single comparator features a high-
speed response time with rail-to-rail inputs.
Specified for a supply voltage of 2.2 to 5 V, this
comparator can operate over a wide temperature
range of -40°C to +125°C.
The TS3011 offers micropower consumption as
low as a few hundred microamperes, thus
providing an excellent ratio of power consumption
current versus response time.
The TS3011 includes push-pull outputs and is
available in small packages (SMD): SOT23-5 and
SC70-5.
Pin connections (top view)
TS3011
SOT23-5 / SC70-5
5
4
OUT
Vcc-
1
2
IN+
Vcc+
3
IN-
+
-
www.st.com


Similar Part No. - TS3011

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3011 STMICROELECTRONICS-TS3011 Datasheet
1Mb / 20P
Rail-to-rail high-speed comparator
09-Apr-2025
logo
List of Unclassifed Man...
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Semtech Corporation
TS30111 SEMTECH-TS30111 Datasheet
1Mb / 21P
High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Regulator, 1MHz
TS30111-M000 SEMTECH-TS30111-M000 Datasheet
1Mb / 21P
High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Regulator, 1MHz
TS30111-M015 SEMTECH-TS30111-M015 Datasheet
1Mb / 21P
High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Regulator, 1MHz
More results

Similar Description - TS3011

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3501 TI-TLV3501 Datasheet
381Kb / 15P
4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
Rail-to-rail 1.8V high-speed comparator
22-Feb-2007
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
Rail-to-rail 1.8V high-speed comparator
17-Oct-2007
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
TLV3502AIDCNTG4 TI-TLV3502AIDCNTG4 Datasheet
818Kb / 21P
4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501A-Q1 TI1-TLV3501A-Q1_15 Datasheet
998Kb / 22P
Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
Rail-to-Rail High-Speed Comparator
logo
STMicroelectronics
TS3021H STMICROELECTRONICS-TS3021H Datasheet
1Mb / 19P
Automotive rail-to-rail 1.8 V high-speed comparator
24-Aug-2016
logo
Nisshinbo Micro Devices...
NJU7725X NISSHINBO-NJU7725X Datasheet
2Mb / 31P
High-Speed, Rail-to-Rail Input, CMOS Comparator
June 30, 2022 Ver.0.3
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021_V01 Datasheet
610Kb / 16P
Rail-to-rail 1.8 V high-speed comparator
17-Oct-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com