Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V46 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82V46
Description  16-Bit, 45MSPS, 3-Channel CCD/CIS Analog Signal Processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V46 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82V46 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V46 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Rev. 1.10
3
November 24, 2011
HT82V46
Absolute Maximum Ratings
SupplyVoltage.........................................................................................................................VSS-0.3VtoVSS+4.3V
InputVoltage........................................................................................................................... VSS-0.3VtoVDD+0.3V
StorageTemperature........................................................................................................................... -50°Cto125°C
OperatingTemperature.............................................................................................................................0°Cto70°C
AnalogueSupplyPower..........................................................................................................................3.0Vto3.6V
DigitalSupplyPower...............................................................................................................................3.0Vto3.6V
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder“AbsoluteMaximumRatings”
maycausesubstantialdamagetothedevice.Functionaloperationofthisdeviceatotherconditionsbeyond
thoselistedinthespecificationisnotimpliedandprolongedexposuretoextremeconditionsmayaffect
devicereliability.
D.C. Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Power Supply
AVDD
Analogue Supply Power
―
3.0
3.3
3.6
V
DVDD
Digital Supply Power
―
3.0
3.3
3.6
V
Digital Inputs
VIH
High Level Input Voltage
―
0.7*DVDD
―
―
V
VIL
Low Level Input Voltage
―
―
―
0.2*DVDD
V
IIH
High Level Input Current
―
―
―
1
μA
IIL
Low Level Input Current
―
―
―
1
μA
CI
Input Capacitance
―
―
5
―
pF
Digital Outputs
VOH
High Level Output Voltage
IOH= 1mA
DVDD-0.5
―
―
V
VOL
Low Level Output Voltage
IOL= 1mA
―
―
0.5
V
IOZ
High Impedance Output Current
―
―
―
1
μA
Digital I/O Pins
VIH
Applied High Level Input Voltage
―
0.7*DVDD
―
―
V
VIL
Applied Low Level Input Voltage
―
―
―
0.2*DVDD
V
VOH
High Level Output Voltage
IOH=1mA
DVDD-0.5
―
―
V
VOL
Low Level Output Voltage
IOL=1mA
―
―
0.5
V
IIL
Low Level Input Current
―
―
―
1
μA
IIH
High Level Input Current
―
―
―
1
μA
IOZ
High Impedance Output Current
―
―
―
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com