Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V46 Datasheet (PDF) - Holtek Semiconductor Inc

HT82V46 Datasheet PDF - Holtek Semiconductor Inc
Part # HT82V46
Download  HT82V46 Download
File Size   1710.4 Kbytes
Page   27 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 16-Bit, 45MSPS, 3-Channel CCD/CIS Analog Signal Processor

HT82V46 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT82V46 Datasheet PDF - Holtek Semiconductor Inc

Part # HT82V46
Download  HT82V46 Click to download

File Size   1710.4 Kbytes
Page   27 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 16-Bit, 45MSPS, 3-Channel CCD/CIS Analog Signal Processor

HT82V46 Datasheet (HTML) - Holtek Semiconductor Inc


HT82V46 Product details

General Description

The HT82V46 is a complete analog signal processor for CCD imaging applications. It features a 3-channel architecture designed to sample and condition the outputs of tri-linear color CCD arrays. Each channel consists of an input clamp, Correlated Double Sampler (CDS), offset DAC and Programmable Gain Amplifier (PGA), and a high performance 16-bit A/D converter.



Features

• Operating voltage: 3.3V

• Guaranteed won’t miss codes

• 9-bit programmable gain

• Correlated Double Sampling

• 8-bit programmable offset

• Programmable clamp voltage

• 8-bit wide multiplexed data output format

• 8-bit only output mode

• 4-bit multiplexed nibble mode

• Internal voltage reference

• Programmable 4-wire serial interface

• Maximum Conversation rate up to 45 MSPS

• 28-pin SSOP package




Similar Part No. - HT82V46

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V42 HOLTEK-HT82V42 Datasheet
423Kb / 24P
CIS Analog Signal Processor
November 20, 2009
HT82V42 HOLTEK-HT82V42 Datasheet
413Kb / 24P
Single-channel 16-Bit CCD/CIS Analog Signal Processor
December 8, 2010
HT82V42 HOLTEK-HT82V42_10 Datasheet
413Kb / 24P
Single-channel 16-Bit CCD/CIS Analog Signal Processor
December 8, 2010
HT82V48 HOLTEK-HT82V48 Datasheet
1Mb / 14P
6-Channel, 16-Bit, 120MSPS CIS Analog Signal Processor
May 19, 2017
More results


Similar Description - HT82V46

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V26 HOLTEK-HT82V26 Datasheet
175Kb / 16P
16-Bit CCD/CIS Analog Signal Processor
June 24, 2004
HT82V36 HOLTEK-HT82V36 Datasheet
123Kb / 10P
16-Bit CCD/CIS Analog Signal Processor
June 29, 2004
HT82V16 HOLTEK-HT82V16 Datasheet
139Kb / 12P
16-Bit CCD/CIS Analog Signal Processor
June 7, 2001
HT82V24 HOLTEK-HT82V24 Datasheet
241Kb / 21P
16-Bit, 15MSPS, 3-Channel CCD/CIS Analog Signal Processor
September 7, 2005
HT82V26A HOLTEK-HT82V26A Datasheet
196Kb / 17P
16-Bit CCD/CIS Analog Signal Processor
August 16, 2005
HT82V38 HOLTEK-HT82V38 Datasheet
137Kb / 16P
16-Bit CCD/CIS Analog Signal Processor
July 23, 2009
logo
Unisonic Technologies
M1008 UTC-M1008 Datasheet
372Kb / 11P
16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
logo
Holtek Semiconductor In...
HT82V26A HOLTEK-HT82V26A_12 Datasheet
176Kb / 17P
16-Bit CCD/CIS Analog Signal Processor
February 8, 2012
HT82V36 HOLTEK-HT82V36_08 Datasheet
145Kb / 12P
16-Bit CCD/CIS Analog Signal Processor
November 10, 2008
HT82V38 HOLTEK-HT82V38_14 Datasheet
164Kb / 16P
16-Bit CCD/CIS Analog Signal Processor
August 13, 2014
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com