Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D44C Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # D44C
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

D44C Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  D44C Datasheet HTML 1Page - Inchange Semiconductor Company Limited D44C Datasheet HTML 2Page - Inchange Semiconductor Company Limited D44C Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
D44C Series
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
D44C2,3,5,6,8,9,11,12
IC=1A ;IB=50mA
VCEsat
Collector-emitter
saturation voltage
D44C1,4,7,10
IC=1A ;IB=0.1A
0.5
V
VBEsat
Base-emitter saturation voltage
IC=1A ;IB=0.1A
1.3
V
ICES
Collector cut-off current
VCE=Rated VCES;
100
μA
IEBO
Emitter cut-off current
VEB=5V; IC=0
10
μA
D44C3,6,9,12
40
120
D44C2,5,8,11
100
220
hFE-1
DC current gain
D44C1,4,7,10
IC=0.2A ; VCE=1V
25
D44C1,4,7,10
IC=1A ; VCE=1V
10
hFE-2
DC current gain
D44C2,3,5,6,8,9,11,12
IC=2A ; VCE=1V
20
fT
Transition frequency
IC=20mA;VCE=4V;
f=1.0MHz
50
MHz
Switching times
tr
Rise time
0.3
μs
ts
Storage time
0.7
μs
tf
Fall time
IC=1.0A; VCC=20V
IB1=-IB2=0.1A
0.4
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com