Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D44C Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # D44C
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

D44C Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  D44C Datasheet HTML 1Page - Inchange Semiconductor Company Limited D44C Datasheet HTML 2Page - Inchange Semiconductor Company Limited D44C Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
D44C Series
DESCRIPTION
・With TO-220 package
・Complement to type D45C Series
・Very low collector saturation voltage
・Fast switching
APPLICATIONS
・Designed for various specific and
general purpose application
・Shunt and switching regulators
・Low and high frequency inverters
converters and etc.
PINNING
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
Absolute maximum ratings (Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
D44C1,2,3
40
D44C4,5,6
55
D44C7,8,9
70
VCBO
Collector-base voltage
D44C10,11,12
Open emitter
90
V
D44C1,2,3
30
D44C4,5,6
45
D44C7,8,9
60
VCEO
Collector-emitter voltage
D44C10,11,12
Open base
80
V
VEBO
Emitter-base voltage
Open collector
5
V
IC
Collector current (DC)
4
A
ICM
Collector current -peak
6
A
IB
Base current (DC)
1
A
PD
Total power dissipation
TC=25℃
30
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55~150


Similar Part No. - D44C

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
D44C BOCA-D44C Datasheet
148Kb / 3P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Savantic, Inc.
D44C SAVANTIC-D44C Datasheet
92Kb / 3P
Silicon NPN Power Transistors
D44C SAVANTIC-D44C Datasheet
93Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
D44C NJSEMI-D44C Datasheet
645Kb / 3P
Silicon NPN Power Transistors
logo
Boca Semiconductor Corp...
D44C1 BOCA-D44C1 Datasheet
148Kb / 3P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - D44C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com