Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF730 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IRF730
Description  N-channel mosfet transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRF730 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IRF730 Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MOSFET
INCHANGE
IRF730
N-channel mosfet transistor
Features
・With TO-220 package
1 2 3
・Simple drive requirements
・Fast switching
・VDSS=400V; RDS(ON)≤1.0Ω;ID=5.5A
・1.gate 2.drain 3.source
Absolute Maximum Ratings Tc=25℃
SYMBOL
PARAMETER
RATING
UNIT
VDSS
Drain-source voltage (VGS=0)
400
V
VGS
Gate-source voltage
±20
V
ID
Drain Current-continuous@ TC=25℃
5.5
A
Ptot
Total Dissipation@TC=25℃
74
W
Tj
Max. Operating Junction temperature
150
℃
Tstg
Storage temperature
-65~150
℃
TO-220
Electrical Characteristics Tc=25℃
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V(BR)DSS
Drain-source breakdown voltage
VGS=0; ID=0.25mA
400
V
VGS(TH)
Gate threshold voltage
VDS= VGS; ID=0.25mA
2
4
V
RDS(ON)
Drain-source on-stage resistance
VGS=10V; ID=3.3A
1.0
Ω
IGSS
Gate source leakage current
VGS=±20V;VDS=0
±100
nA
IDSS
Zero gate voltage drain current
VDS=400V; VGS=0
25
uA
VSD
Diode forward voltage
IF=5.5A; VGS=0
1.6
V


Similar Part No. - IRF730

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF730 PHILIPS-IRF730 Datasheet
59Kb / 7P
PowerMOS transistor Avalanche energy rated
March 1999 Rev 1.000
logo
STMicroelectronics
IRF730 STMICROELECTRONICS-IRF730 Datasheet
94Kb / 8P
N - CHANNEL 400V - 0.75 ohm - 5.5A - TO-220 PowerMESH] MOSFET
Aug-1998
logo
Fairchild Semiconductor
IRF730 FAIRCHILD-IRF730 Datasheet
177Kb / 6P
N-Channel Power MOSFETs, 5.5A, 350 V/400V
IRF730 FAIRCHILD-IRF730 Datasheet
898Kb / 10P
400V N-Channel MOSFET
logo
Intersil Corporation
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
More results

Similar Description - IRF730

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD025N06N ISC-IPD025N06N Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD040N03L ISC-IPD040N03L Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
IPD50R399CP ISC-IPD50R399CP Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD50R800CE ISC-IPD50R800CE Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD088N06N3 ISC-IPD088N06N3 Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
IPD090N03L ISC-IPD090N03L Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPP039N04L ISC-IPP039N04L Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IPP070N08N3 ISC-IPP070N08N3 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRF3256 ISC-IRF3256 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRL1404 ISC-IRL1404 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com