Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLL014PBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IRLL014PBF
Description  Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRLL014PBF Datasheet(HTML) 3 Page - Vishay Siliconix

  IRLL014PBF Datasheet HTML 1Page - Vishay Siliconix IRLL014PBF Datasheet HTML 2Page - Vishay Siliconix IRLL014PBF Datasheet HTML 3Page - Vishay Siliconix IRLL014PBF Datasheet HTML 4Page - Vishay Siliconix IRLL014PBF Datasheet HTML 5Page - Vishay Siliconix IRLL014PBF Datasheet HTML 6Page - Vishay Siliconix IRLL014PBF Datasheet HTML 7Page - Vishay Siliconix IRLL014PBF Datasheet HTML 8Page - Vishay Siliconix IRLL014PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 91319
www.vishay.com
S10-1257-Rev. C, 31-May-10
3
IRLL014, SiHLL014
Vishay Siliconix
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Fig. 1 - Typical Output Characteristics, TC = 25 °C
Fig. 2 - Typical Output Characteristics, TC = 150 °C
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
20 µs Pulse Width
T
C = 25 °C
VDS, Drain-to-Source Voltage (V)
100
101
10-1
2.25 V
Bottom
Top
V
GS
7.5 V
5.0 V
4.0 V
3.5 V
3.0 V
2.75 V
2.5 V
10-2
10-1
101
100
V
20 µs Pulse Width
T
C = 150 °C
VDS, Drain-to-Source Voltage (V)
100
101
10-2
10-1
2.25 V
Bottom
Top
GS
7.5 V
5.0 V
4.0 V
3.5 V
3.0 V
2.75 V
2.5 V
10-1
101
100
20 µs Pulse Width
V
DS = 25 V
101
10-2
10-3
VGS, Gate-to-Source Voltage (V)
2.5
3
3.5
4
4.5
5
2
25 °C
150 °C
10-1
100
I
D = 10 A
V
GS = 10 V
3.0
0.0
0.5
1.0
1.5
2.0
2.5
TJ, Junction Temperature (°C)
- 60 - 40 - 20 0
20 40 60 80 100 120 140 160



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com