Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLL014PBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IRLL014PBF
Description  Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRLL014PBF Datasheet(HTML) 4 Page - Vishay Siliconix

  IRLL014PBF Datasheet HTML 1Page - Vishay Siliconix IRLL014PBF Datasheet HTML 2Page - Vishay Siliconix IRLL014PBF Datasheet HTML 3Page - Vishay Siliconix IRLL014PBF Datasheet HTML 4Page - Vishay Siliconix IRLL014PBF Datasheet HTML 5Page - Vishay Siliconix IRLL014PBF Datasheet HTML 6Page - Vishay Siliconix IRLL014PBF Datasheet HTML 7Page - Vishay Siliconix IRLL014PBF Datasheet HTML 8Page - Vishay Siliconix IRLL014PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
Document Number: 91319
4
S10-1257-Rev. C, 31-May-10
IRLL014, SiHLL014
Vishay Siliconix
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 8 - Maximum Safe Operating Area
700
600
400
300
0
100
200
100
101
VDS, Drain-to-Source Voltage (V)
C
iss
C
rss
C
oss
V
GS = 0 V, f = 1 MHz
C
iss = Cgs + Cgd, Cds Shorted
C
rss = Cgd
C
oss = Cds + Cgd
500
QG, Total Gate Charge (nC)
10
6
6
4
0
2
0
2
10
8
6
4
V
DS = 30 V
V
DS = 48 V
For test circuit
see figure 13
I
D = 10 A
VSD, Source-to-Drain Voltage (V)
0.4
2.4
1.6
1.2
0.8
10-1
100
101
T
J = 150 °C
T
J = 25 °C
2.0
V
GS = 0 V
VDS, Drain-to-Source Voltage (V)
T
C = 25 °C
T
J = 150 °C
Single Pulse
103
0.1
0.1
2
5
1
102
2
5
25
1
25
10
25
102
25
103
2
5
10
2
5
Operation in this area limited by R
DS(on)
100 µs
1 ms
10 ms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com