Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ16018 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJ16018
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJ16018 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJ16018 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJ16018 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MJ16018 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
MJ16018
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=50mA; IB=0
800
V
VCEsat-1
Collector-emitter saturation voltage
IC=5A ;IB=2A
TC=110℃
1.0
1.5
V
VCEsat-2
Collector-emitter saturation voltage
IC=10A ;IB=5A
5.0
V
VBEsat
Base-emitter saturation voltage
IC=5A ;IB=2A
TC=110℃
1.5
1.5
V
ICEV
Collector cut-off current
VCEV=1500V,VBE(off)=1.5Vdc
TC=100℃
0.25
1.50
mA
ICER
Collector cut-off current
VCE=1500V; RBE=50Ω
TC=100℃
2.5
mA
IEBO
Emitter cut-off current
VEB=6V; IC=0
0.1
mA
hFE
DC current gain
IC=5A ; VCE=5V
4
COB
Collector outoput capacitance
f=1kHz ; VCB=10V
450
pF
Switching times resistive load
td
Delay time
0.085
0.2
μs
tr
Rise time
0.90
2.0
μs
ts
Storage time
4.5
9.0
μs
tf
Fall time
IC=5A; IB1= IB2=2.0A
VCC=250V ,RB2=3Ω
PW=25μs
Duty Cycle≤2%
0.2
0.4
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com