Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ16018 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJ16018
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJ16018 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJ16018 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJ16018 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MJ16018 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
MJ16018
DESCRIPTION
・
・With TO-3 package
・High voltage ,high speed
APPLICATIONS
・Switching Regulators
・Inverters
・Solenoids
・Relay Drivers
・Motor Controls
・Deflection Circuits
PINNING
PIN
DESCRIPTION
1
Base
2
Emitter
3
Collector
Absolute maximum ratings(Tc=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
1500
V
VCEO
Collector-emitter voltage
Open base
800
V
VEBO
Emitter-base voltage
Open collector
6
V
IC
Collector current (DC)
10
A
ICM
Collector current-Peak
15
A
IB
Base current
8
A
IBM
Base current-Peak
12
A
PD
Total power dissipation
TC=25℃
TC=100℃
175
100
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-C
Thermal resistance junction to case
1.0
℃/W
Fig.1 simplified outline (TO-3) and symbol


Similar Part No. - MJ16018

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ16018 MOTOROLA-MJ16018 Datasheet
366Kb / 8P
POWER TRANSISTORS 10 AMPERES 800 VOLTS 125 AND 175 WATTS
logo
ON Semiconductor
MJ16018 ONSEMI-MJ16018 Datasheet
366Kb / 8P
NPN Silicon Power Transistors
1995 REV 1
logo
Motorola, Inc
MJ16018 MOTOROLA-MJ16018 Datasheet
478Kb / 7P
NPN SILICON POWER TRANSISTORS 1.5KV SWITCHMODE III SERIES
logo
Savantic, Inc.
MJ16018 SAVANTIC-MJ16018 Datasheet
120Kb / 3P
Silicon NPN Power Transistors
MJ16018 SAVANTIC-MJ16018 Datasheet
122Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - MJ16018

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com