Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS28 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BAS28
Description  Silicon Switching Diode Array (For high-speed switching Electrically insulated diodes)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAS28 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BAS28 Datasheet HTML 1Page - Siemens Semiconductor Group BAS28 Datasheet HTML 2Page - Siemens Semiconductor Group BAS28 Datasheet HTML 3Page - Siemens Semiconductor Group BAS28 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
Silicon Switching Diode Array
BAS 28
Maximum Ratings
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
BAS 28
Q62702-A77
JTs
SOT-143
Parameter
Symbol
Values
Unit
Reverse voltage
VR
75
V
Forward current
IF
200
mA
Junction temperature
Tj
150
˚C
Total power dissipation, TS =31˚C
Ptot
330
mW
Storage temperature range
Tstg
– 65 … + 150
Peak reverse voltage
VRM
85
Surge forward current,
t = 1 µs
IFS
4.5
A
Thermal Resistance
Junction - ambient2)
Rth JA
≤ 500
K/W
Junction - soldering point
Rth JS
≤ 360
1)
For detailed information see chapter Package Outlines.
2)
Package mounted on epoxy pcb 40 mm
× 40 mm × 1.5 mm/6 cm2 Cu.
q
For high-speed switching
q
Electrically insulated diodes
5.91


Similar Part No. - BAS28

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS28 PHILIPS-BAS28 Datasheet
35Kb / 7P
High-speed double diode
1996 Sep 10
logo
Central Semiconductor C...
BAS28 CENTRAL-BAS28 Datasheet
49Kb / 2P
DUAL, ISOLATED HIGH SPEED SWITCHING DIODE
logo
Infineon Technologies A...
BAS28 INFINEON-BAS28 Datasheet
439Kb / 4P
Silicon Switching Diode
Feb-21-2003
logo
Guangdong Kexin Industr...
BAS28 KEXIN-BAS28 Datasheet
40Kb / 2P
High-Speed Double Diode
logo
NXP Semiconductors
BAS28 NXP-BAS28 Datasheet
279Kb / 12P
High-speed double diode
Rev. 3-22 July 2010
More results

Similar Description - BAS28

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAS28W SIEMENS-BAS28W Datasheet
37Kb / 4P
Silicon Switching Diode Array (For high-speed switching applications Electrical insulated diodes)
BAV70 SIEMENS-BAV70 Datasheet
97Kb / 4P
Silicon Switching Diode Array (For high-speed switchingFor high-speed switching)
BAV70S SIEMENS-BAV70S Datasheet
77Kb / 4P
Silicon Switching Diode Array (For high speed switching applications Common cathode)
BAV70W SIEMENS-BAV70W Datasheet
70Kb / 4P
Silicon Switching Diode Array (For high speed switching applications Common cathode)
BAV74 SIEMENS-BAV74 Datasheet
96Kb / 4P
Silicon Switching Diode Array (For high-speed switching Common cathode)
BAW100 SIEMENS-BAW100 Datasheet
101Kb / 4P
Silicon Switching Diode Array (For high-speed switching Electrically insulated diodes)
BAW101 SIEMENS-BAW101 Datasheet
61Kb / 3P
Silicon Switching Diode Array (Electrically insulated high-voltage medium-speed diodes)
BAW56 SIEMENS-BAW56 Datasheet
97Kb / 4P
Silicon Switching Diode Array (For high-speed switching applications Common anode)
BAW56S SIEMENS-BAW56S Datasheet
43Kb / 4P
Silicon Switching Diode Array (For high-speed switching applications Common anode)
BAW56W SIEMENS-BAW56W Datasheet
70Kb / 4P
Silicon Switching Diode Array (For high speed switching applications Common anode)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com