Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS28W Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BAS28W
Description  Silicon Switching Diode Array (For high-speed switching applications Electrical insulated diodes)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAS28W Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BAS28W Datasheet HTML 1Page - Siemens Semiconductor Group BAS28W Datasheet HTML 2Page - Siemens Semiconductor Group BAS28W Datasheet HTML 3Page - Siemens Semiconductor Group BAS28W Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS 28W
Semiconductor Group
Mar-16-1998
1
Silicon Switching Diode Array
• For high-speed switching applications
• Electrical insulated diodes
VPS05605
4
2
1
3
Type
Marking Ordering Code
Pin Configuration
Package
BAS 28W
JTs
Q62702-A3466
1 = C1 2 = C2 3 = A2
SOT-343
4 = A1
Maximum Ratings
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
V
75
Peak reverse voltage
85
VRM
200
Forward current
IF
mA
A
IFS
Surge forward current, t = 1
µs
4.5
Total power dissipation,
TS = 103 °C
mW
250
Ptot
150
Junction temperature
°C
Tj
Storage temperature
Tstg
- 65 ...+150
Thermal Resistance
Junction - ambient
1)
RthJA
≤ 460
K/W
Junction - soldering point
RthJS
≤ 190
1) Package mounted on epoxy pcb 40mm x 40mm x 1.5mm / 0.5cm2 Cu
Semiconductor Group
1
1998-11-01


Similar Part No. - BAS28W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS28W INFINEON-BAS28W Datasheet
439Kb / 4P
Silicon Switching Diode
Feb-21-2003
logo
Guangdong Kexin Industr...
BAS28W KEXIN-BAS28W Datasheet
40Kb / 2P
Silicon Switching Diode Array
logo
Infineon Technologies A...
BAS28W INFINEON-BAS28W Datasheet
93Kb / 7P
Silicon Switching Diode
2007-04-19
BAS28W INFINEON-BAS28W Datasheet
93Kb / 7P
For high-speed switching applications
2007-04-19
logo
Goodwork Semiconductor ...
BAS28WF-CAR GWSEMI-BAS28WF-CAR Datasheet
174Kb / 3P
Silicon Epitaxial Planar Switching Diode
More results

Similar Description - BAS28W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAS16W SIEMENS-BAS16W Datasheet
67Kb / 4P
Silicon Switching Diode (For high speed switching applications)
BAS28 SIEMENS-BAS28 Datasheet
102Kb / 4P
Silicon Switching Diode Array (For high-speed switching Electrically insulated diodes)
BAV70S SIEMENS-BAV70S Datasheet
77Kb / 4P
Silicon Switching Diode Array (For high speed switching applications Common cathode)
BAV70W SIEMENS-BAV70W Datasheet
70Kb / 4P
Silicon Switching Diode Array (For high speed switching applications Common cathode)
BAV99W SIEMENS-BAV99W Datasheet
71Kb / 4P
Silicon Switching Diode Array (Connected in series For high speed switching applications)
BAW100 SIEMENS-BAW100 Datasheet
101Kb / 4P
Silicon Switching Diode Array (For high-speed switching Electrically insulated diodes)
BAW101 SIEMENS-BAW101 Datasheet
61Kb / 3P
Silicon Switching Diode Array (Electrically insulated high-voltage medium-speed diodes)
BAW56 SIEMENS-BAW56 Datasheet
97Kb / 4P
Silicon Switching Diode Array (For high-speed switching applications Common anode)
BAW56S SIEMENS-BAW56S Datasheet
43Kb / 4P
Silicon Switching Diode Array (For high-speed switching applications Common anode)
BAW56W SIEMENS-BAW56W Datasheet
70Kb / 4P
Silicon Switching Diode Array (For high speed switching applications Common anode)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com