Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS28W Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BAS28W
Description  Silicon Switching Diode Array (For high-speed switching applications Electrical insulated diodes)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAS28W Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BAS28W Datasheet HTML 1Page - Siemens Semiconductor Group BAS28W Datasheet HTML 2Page - Siemens Semiconductor Group BAS28W Datasheet HTML 3Page - Siemens Semiconductor Group BAS28W Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS 28W
Semiconductor Group
Mar-16-1998
2
Electrical Characteristics at
TA = 25°C, unless otherwise specified.
Parameter
Values
Symbol
Unit
max.
typ.
min.
DC characteristics
V
V(BR)
Breakdown voltage
I(BR) = 10 µA
-
-
85
mV
Forward voltage
IF = 1 mA
IF = 10 mA
IF = 50 mA
IF = 150 mA
-
-
-
-
-
-
-
-
VF
715
855
1000
1250
µA
Reverse current
VR = 75 V
IR
1
-
-
Reverse current
VR = 25 V, TA = 150 °C
VR = 75 V, TA = 150 °C
IR
-
-
-
-
30
50
AC characteristics
pF
Diode capacitance
VR = 0 V, f = 1 MHz
-
2
-
CD
Reverse recovery time
IF = 10 mA, IR = 10 mA, RL = 100 Ω,
measured at
IR = 1mA
trr
-
ns
-
6
Test circuit for reverse recovery time
EHN00019
Ι
F
D.U.T.
Oscillograph
Pulse generator:
tp = 100ns, D = 0.05,
tr = 0.6ns, Ri = 50Ω
Oscillograph:
R = 50
Ω, t
r = 0.35ns,
C
≤ 1pF
Semiconductor Group
2
1998-11-01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com