Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC10F320 Datasheet(PDF) 22 Page - Microchip Technology

Part # PIC10F320
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F320 Datasheet(HTML) 22 Page - Microchip Technology

Back Button PIC10F320 Datasheet HTML 18Page - Microchip Technology PIC10F320 Datasheet HTML 19Page - Microchip Technology PIC10F320 Datasheet HTML 20Page - Microchip Technology PIC10F320 Datasheet HTML 21Page - Microchip Technology PIC10F320 Datasheet HTML 22Page - Microchip Technology PIC10F320 Datasheet HTML 23Page - Microchip Technology PIC10F320 Datasheet HTML 24Page - Microchip Technology PIC10F320 Datasheet HTML 25Page - Microchip Technology PIC10F320 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 210 page
background image
PIC10(L)F320/322
DS41585A-page 22
Preliminary
 2011 Microchip Technology Inc.
REGISTER 3-1:
CONFIG: CONFIGURATION WORD
U-1
R/P-1/1
R/P-1/1
R/P-1/1
R/P-1/1
R/P-1/1
—
WRT<1:0>
BORV
LPBOR
LVP
bit 13
bit 8
R/P-1/1
R/P-1/1
R/P-1/1
R/P-1/1
R/P-1/1
R/P-1/1
R/P-1/1
R/P-1/1
CP
MCLRE
PWRTE
WDTE<1:0>
BOREN<1:0>
FOSC
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
P = Programmable bit
bit 13
Unimplemented
: Read as ‘1’
bit 12-11
WRT<1:0>:
Flash Memory Self-Write Protection bits
256 W Flash memory: PIC10(L)F320:
11
=Write protection off
10
=000h to 03Fh write-protected, 040h to 0FFh may be modified by PMCON control
01
=000h to 07Fh write-protected, 080h to 0FFh may be modified by PMCON control
00
=000h to 0FFh write-protected, no addresses may be modified by PMCON control
512 W Flash memory: PIC10(L)F322:
11
=Write protection off
10
=000h to 07Fh write-protected, 080h to 1FFh may be modified by PMCON control
01
=000h to 0FFh write-protected, 100h to 1FFh may be modified by PMCON control
00
=000h to 1FFh write-protected, no addresses may be modified by PMCON control
bit 10
BORV:
Brown-out Reset Voltage Selection bit
1
= Brown-out Reset Voltage (VBOR) set to 1.9V (PIC10LF320/322) or 2.4V (PIC10F320/322)
0
= Brown-out Reset Voltage (VBOR) set to 2.7V
bit 9
LPBOR:
Low-Power Brown-out Reset Enable bit
1
= Low-power Brown-out Reset is enabled
0
= Low-power Brown-out Reset is disabled
bit 8
LVP:
Low-Voltage Programming Enable bit
1
= Low-Voltage Programming enabled. MCLR/VPP pin function is MCLR.
0
= High Voltage on MCLR/VPP must be used for programming
bit 7
CP:
Code Protection bit(2)
1
= Program memory code protection is disabled
0
= Program memory code protection is enabled
bit 6
MCLRE:
MCLR/VPP Pin Function Select bit
If LVP bit = 1:
This bit is ignored.
If LVP bit = 0:
1
=MCLR/VPP pin function is MCLR; Weak pull-up enabled.
0
=MCLR/VPP pin function is digital input; MCLR internally disabled; Weak pull-up under control of
WPUA3 bit.
bit 5
PWRTE:
Power-up Timer Enable bit(1)
1
= PWRT disabled
0
= PWRT enabled
Note 1:
Enabling Brown-out Reset does not automatically enable Power-up Timer.
2:
Once enabled, code-protect can only be disabled by bulk erasing the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com