Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BAS40
Description  HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAS40 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BAS40 Datasheet HTML 1Page - Siemens Semiconductor Group BAS40 Datasheet HTML 2Page - Siemens Semiconductor Group BAS40 Datasheet HTML 3Page - Siemens Semiconductor Group BAS40 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
T1
Semiconductor Group
1
Draft A03 1998-04-01
HiRel Silicon Schottky Diode
BAS 40
Features
¥ HiRel Discrete and Microwave Semiconductor
¥ General-purpose diodes for high-speed switching
¥ Circuit protection
¥ Voltage clamping
¥ High-level detecting and mixing
¥ Hermetically sealed microwave package
¥ ESA Qualification pending
ESD: Electrostatic discharge sensitive device, observe handling precautions!
(ql) Quality Level: P: Professional Quality,
Ordering Code: Q62702A1176
H: High Rel Quality,
Ordering Code: on request
S: Space Quality,
Ordering Code: on request
(see Chapter Order Instructions for ordering example)
1) t £ 10 ms, duty cycle = 10%
Type
Marking
Ordering Code
Pin Configuration
Package
BAS40-T1 (ql)
-
see below
T1
Table 1
Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Reverse voltage
V
R
40
V
Forward current
I
F
120
mA
Surge forward current
1)
I
FSM
170
mA
Power dissipation
P
tot
250
mW
Operating temperature range
T
op
- 55 to + 150
°C
Storage temperature range
T
stg
- 65 to + 150
°C
Soldering temperature
T
sol
+ 250
°C
Junction temperature
T
j
150
°C
Thermal resistance junction-case
R
th(j-c)
100
K/W


Similar Part No. - BAS40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS40 PHILIPS-BAS40 Datasheet
58Kb / 8P
Schottky barrier double diodes
1999 Apr 28
logo
Siemens Semiconductor G...
BAS40 SIEMENS-BAS40 Datasheet
108Kb / 5P
Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
logo
Diodes Incorporated
BAS40 DIODES-BAS40 Datasheet
155Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11006 Rev. 12 - 2
logo
General Semiconductor
BAS40 GE-BAS40 Datasheet
51Kb / 2P
Schottky Diodes
logo
Microsemi Corporation
BAS40 MICROSEMI-BAS40 Datasheet
122Kb / 2P
SCHOTTKY array??SERIES
More results

Similar Description - BAS40

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAS70 SIEMENS-BAS70 Datasheet
97Kb / 4P
HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching)
BAT14 SIEMENS-BAT14 Datasheet
125Kb / 7P
HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BAT15 SIEMENS-BAT15 Datasheet
134Kb / 8P
HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BFY181 SIEMENS-BFY181 Datasheet
121Kb / 5P
HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY182 SIEMENS-BFY182 Datasheet
121Kb / 5P
HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY183 SIEMENS-BFY183 Datasheet
122Kb / 5P
HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY280 SIEMENS-BFY280 Datasheet
121Kb / 5P
HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BXY42 SIEMENS-BXY42 Datasheet
104Kb / 6P
HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor PIN Diode for high speed switching of RF signals)
BXY43 SIEMENS-BXY43 Datasheet
132Kb / 8P
HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44 SIEMENS-BXY44 Datasheet
135Kb / 8P
HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com