Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BAS40
Description  HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAS40 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BAS40 Datasheet HTML 1Page - Siemens Semiconductor Group BAS40 Datasheet HTML 2Page - Siemens Semiconductor Group BAS40 Datasheet HTML 3Page - Siemens Semiconductor Group BAS40 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS 40
Semiconductor Group
2
Draft A03 1998-04-01
Electrical Characteristics
2)
Table 2
DC Characteristics at
T
A = 25 °C unless otherwise specified
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Reverse current 1,
V
R = 40 V
I
R1
--
10
mA
Reverse current 2,
V
R = 30 V
I
R2
--
1
mA
Forward voltage 1,
I
F1 = 1 mA
V
F1
0.29
0.33
0.39
V
Forward voltage 2,
I
F2 = 10 mA
V
F2
0.42
0.45
0.54
V
Forward voltage 3,
I
F3 = 40 mA
V
F3
0.68
0.7
0.85
V
Differential forward resistance
2)
I
F2 = 10 mA, IF3 = 15 mA
R
FD
7.5
10
11.5
W
Table 3
AC Characteristics at
T
A = 25 °C unless otherwise specified
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Total capacitance,
V
R = 0 V, f = 1 MHz
C
T
2.2
2.9
5.0
pF
R
FD
DV
F
510
3
Ð
´
---------------------
W
=



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com