Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS101C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LS101C
Description  Small Signal Schottky Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LS101C Datasheet(HTML) 2 Page - Vishay Siliconix

  LS101C Datasheet HTML 1Page - Vishay Siliconix LS101C Datasheet HTML 2Page - Vishay Siliconix LS101C Datasheet HTML 3Page - Vishay Siliconix LS101C Datasheet HTML 4Page - Vishay Siliconix LS101C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85628
Rev. 1.5, 05-Aug-10
LS101A, LS101B, LS101C
Vishay Semiconductors
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to
ambient air
on PC board
50 mm x 50 mm x 1.6 mm
RthJA
320
K/W
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
- 65 to + 150
°C
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Reverse Breakdown Voltage
IR = 10 µA
LS101A
V(BR)
60
V
LS101B
V(BR)
50
V
LS101C
V(BR)
40
V
Leakage current
VR = 50 V
LS101A
IR
200
nA
VR = 40 V
LS101B
IR
200
nA
VR = 30 V
LS101C
IR
200
nA
Forward voltage drop
IF = 1 mA
LS101A
VF
410
mV
LS101B
VF
400
mV
LS101C
VF
390
mV
IF = 15 mA
LS101A
VF
1000
mV
LS101B
VF
950
mV
LS101C
VF
900
mV
Diode capacitance
VR = 0 V, f = 1 MHz
LS101A
CD
2pF
LS101B
CD
2.1
pF
LS101C
CD
2.2
pF
Figure 1. Reverse Current vs. Reverse Voltage
0.01
0.1
1
10
100
0
1015
2025
3035
4045
50
V
R - Reverse Voltage (V)
16204
T
j = 125 °C
T
j = 100 °C
T
j = 75 °C
T
j = 50 °C
T
j = 25 °C
5
Figure 2. Diode Capacitance vs. Reverse Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
1015
2025
3035
4045
50
V
R - Reverse Voltage (V)
16205
T
j = 25 °C
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com